Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5920-3.3ERHU Datasheet(PDF) 7 Page - M.S. Kennedy Corporation

Part # MSK5920-3.3ERHU
Description  RAD TOLERANT ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5920-3.3ERHU Datasheet(HTML) 7 Page - M.S. Kennedy Corporation

  MSK5920-3.3ERHU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5920-3.3ERHU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5920-3.3ERHU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5920-3.3ERHU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5920-3.3ERHU Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5920-3.3ERHU Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5920-3.3ERHU Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MECHANICAL SPECIFICATIONS
ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD Triangle indicates pin 1.
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
Contact MSK for MIL-PRF-38534 Class H, Class K and Appendix G (radiation) status.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
ORDERING INFORMATION
7
LEAD CONFIGURATIONS
S= STRAIGHT; U= BENT UP; D= BENT DOWN
RADIATION HARDENED
SCREENING
BLANK= INDUSTRIAL; E=EXTENDED RELIABILITY
H=MIL-PRF-38534 CLASS H; K=MIL-PRF-38534 CLASS K
OUTPUT VOLTAGE
1.5=+1.5V; 1.9=+1.9V; 2.5=+2.5V; 2.8=+2.8V;
3.3=+3.3V; 5.0=+5.0V
GENERAL PART NUMBER
MSK5920-3.3 K RH U
The above example is a +3.3V, Class K regulator with leads bent up.
WEIGHT=7.7 GRAMS TYPICAL
Rev. G
1/06
NOTE: See DSCC SMD 5962-05220 for DSCC part number options.


Similar Part No. - MSK5920-3.3ERHU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5920-3.3 ANAREN-MSK5920-3.3 Datasheet
480Kb / 9P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5920-3.3HRHGW ANAREN-MSK5920-3.3HRHGW Datasheet
480Kb / 9P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5920-3.3KRHGW ANAREN-MSK5920-3.3KRHGW Datasheet
480Kb / 9P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results

Similar Description - MSK5920-3.3ERHU

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5921KRHU MSK-MSK5921KRHU Datasheet
331Kb / 7P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
5921RH MSK-5921RH Datasheet
317Kb / 7P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5900RH MSK-MSK5900RH Datasheet
338Kb / 7P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5910RHG MSK-MSK5910RHG Datasheet
416Kb / 8P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
logo
Anaren Microwave
MSK5823 ANAREN-MSK5823 Datasheet
659Kb / 8P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5820 ANAREN-MSK5820 Datasheet
548Kb / 9P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5825 ANAREN-MSK5825 Datasheet
666Kb / 8P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5922 ANAREN-MSK5922 Datasheet
325Kb / 7P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5822 ANAREN-MSK5822 Datasheet
1Mb / 9P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5800RH ANAREN-MSK5800RH Datasheet
960Kb / 10P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com