Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5920-2.5HRHU Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5920-2.5HRHU
Description  RAD TOLERANT ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5920-2.5HRHU Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5920-2.5HRHU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5920-2.5HRHU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5920-2.5HRHU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5920-2.5HRHU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5920-2.5HRHU Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5920-2.5HRHU Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5920-2.5HRHU Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TYPICAL APPLICATIONS
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
MIL-PRF-38534 CERTIFIED
5920RH
SERIES
M.S.KENNEDY CORP.
FEATURES:
Satellite System Power Supplies
Switching Power Supply Post Regulators
Constant Voltage/Current Regulators
Microprocessor Power Supplies
RAD TOLERANT
ULTRA LOW DROPOUT
POSITIVE LINEAR REGULATOR
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
DESCRIPTION:
The MSK 5920RH is a rad tolerant fixed linear regulator capable of delivering 5.0 amps of output current. Typical
dropout is only 0.30 volts with a 3 amp load. An external shutdown function is ideal for power supply sequencing.
This device also has internal latching overload protection. The MSK 5920RH is radiation tolerant and specifically
designed for space/satellite applications. The device is packaged in a hermetically sealed space efficient 5 pin SIP that
is electrically isolated from the internal circuitry allowing for direct heat sinking.
PIN-OUT INFORMATION
VIN
GND
VOUT
SHUTDOWN
N/C
Total Dose Tested to 300K RAD
Ultra Low Dropout for Reduced Power Consumption
External Shutdown Function
Latching Overload Protection
Available in 1.5V,1.9V,2.5V,2.8V,3.3V and 5.0V Output Voltages
Alternate Output Voltages Available
Output Current Limit
Available in 3 Lead Form Options: Straight, Up and Down
Replaces IR OMR9601 and IRUH33P253AIM
Available to DSCC SMD # 5962-05220
1
2
3
4
5
Rev. G 1/06
1


Similar Part No. - MSK5920-2.5HRHU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5920-2.5HRHGW ANAREN-MSK5920-2.5HRHGW Datasheet
480Kb / 9P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results

Similar Description - MSK5920-2.5HRHU

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5921KRHU MSK-MSK5921KRHU Datasheet
331Kb / 7P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
5921RH MSK-5921RH Datasheet
317Kb / 7P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5900RH MSK-MSK5900RH Datasheet
338Kb / 7P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5910RHG MSK-MSK5910RHG Datasheet
416Kb / 8P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
logo
Anaren Microwave
MSK5823 ANAREN-MSK5823 Datasheet
659Kb / 8P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5820 ANAREN-MSK5820 Datasheet
548Kb / 9P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5825 ANAREN-MSK5825 Datasheet
666Kb / 8P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5922 ANAREN-MSK5922 Datasheet
325Kb / 7P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5822 ANAREN-MSK5822 Datasheet
1Mb / 9P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5800RH ANAREN-MSK5800RH Datasheet
960Kb / 10P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com