Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5332-5.2D Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5332-5.2D
Description  NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5332-5.2D Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5332-5.2D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5332-5.2D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5332-5.2D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5332-5.2D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5332-5.2D Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5332-5.2D Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road
Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
-5V, -5.2V, -10V, -12V and -15V Standard Versions
Low Dropout Voltage
Output Current to 3 Amps
Output Voltage Internally Set to ±1% MAX.
Internal Short Circuit Current Limit
Internal Thermal Overload Protection
Lead Form Options: Straight, Up, Down and Gull Wing
Alternate Output Voltages Available
Available with Top Tab or Tabless Package
High Efficiency Linear Regulators
Constant Voltage/Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
1
2
3
GND
VIN
VOUT
5332
SERIES
NEGATIVE, 3 AMP,
LOW DROPOUT
VOLTAGE REGULATOR
DESCRIPTION:
The MSK 5332 is a fixed, negative voltage regulator which offers low dropout and output voltage accuracy to ±1%
maximum. The low
θjc combined with low dropout allows increased output current and excellent device efficiency. The
MSK 5332 offers both internal current limit and thermal overload protection. The case of the device is electrically isolated
for heat sinking purposes. The device is packaged in a space efficient 3 pin power package with various lead form options.
The MSK 5332 series is also available in a power package with a top tab to accomodate direct mounting to a heat sink.
ISO-9001 CERTIFIED BY DSCC
EQUIVALENT SCHEMATIC
MIL-PRF-38534 CERTIFIED
1
Rev. B 8/05
NO TAB
TOP TAB


Similar Part No. - MSK5332-5.2D

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5332-5.2 ANAREN-MSK5332-5.2 Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-5.2HTD ANAREN-MSK5332-5.2HTD Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-5.2HTS ANAREN-MSK5332-5.2HTS Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-5.2HTU ANAREN-MSK5332-5.2HTU Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - MSK5332-5.2D

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5330 ANAREN-MSK5330 Datasheet
229Kb / 5P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5330-5.0H MSK-MSK5330-5.0H Datasheet
233Kb / 5P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5332 ANAREN-MSK5332 Datasheet
137Kb / 6P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5940 ANAREN-MSK5940 Datasheet
415Kb / 6P
   RAD HARD NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
LHC7913-4 STMICROELECTRONICS-LHC7913-4 Datasheet
274Kb / 3P
   3 AMP NEGATIVE LOW DROP VOLTAGE REGULATOR
logo
Seme LAB
IP2990 SEME-LAB-IP2990 Datasheet
210Kb / 5P
   1 AMP NEGATIVE LOW DROPOUT REGULATOR FOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
CS5203 FCI-CS5203 Datasheet
522Kb / 6P
   3 Amp Low Dropout Postitive Voltage Regulator
logo
Microchip Technology
TC59 MICROCHIP-TC59_13 Datasheet
336Kb / 20P
   Low Dropout, Negative Output Voltage Regulator
11/29/12 2001-2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com