Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C3V6 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BZX84C3V6
Description  Plastic-Encapsulate Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BZX84C3V6 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BZX84C3V6 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX84C3V6 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX84C3V6 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS18001 Rev. P-2
3 of 3
BZX84C2V4 - BZX84C51
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Fig. 2 Zener Breakdown Characteristics
Z
T = 25°C
j
C2V7
C3V3
C3V9
C4V7
C5V6
C6V8
C8V2
Test Current I
5.0mA
Z
0
2
4
6
8
10
10 20 30 40 50 60 70 80 90 100
V , ZENER VOLTAGE (V)
Fig. 4 Zener Breakdown Characteristics
Z
Tj = 25°C
Test Current I
2mA
Z
C39
C43
C47
C51
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 5 Junction Capacitance vs Nominal Zener Voltage
Z
T = 25 °C
j
V= 1V
R
V= 2V
R
V= 1V
R
V= 2V
R
400
T , Ambient Temperature, (°C)
A
Fig. 1 Power Derating Curve
See Note 1
200
100
300
0
500
0
100
200
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3 Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
j
Test current I
5mA
Z
Test current I
2mA
Z
C10
C12
C18
C22
C27
C33
C36
C15


Similar Part No. - BZX84C3V6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C3V6 VISHAY-BZX84C3V6 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C3V6 BWTECH-BZX84C3V6 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
Guilin Strong Micro-Ele...
BZX84C3V6 GSME-BZX84C3V6 Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
logo
Central Semiconductor C...
BZX84C3V6 CENTRAL-BZX84C3V6 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
DONGGUAN YOU FENG WEI E...
BZX84C3V6 YFWDIODE-BZX84C3V6 Datasheet
900Kb / 4P
   Silicon Planar Zener Diodes
More results

Similar Description - BZX84C3V6

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV199 SECOS-BAV199 Datasheet
1Mb / 2P
   Plastic-Encapsulate Diode
logo
SHENZHEN YONGERJIA INDU...
MMBZ5221B WINNERJOIN-MMBZ5221B_15 Datasheet
137Kb / 2P
   Plastic-Encapsulate Diode
logo
TRANSYS Electronics Lim...
MMBD4448AQW TEL-MMBD4448AQW Datasheet
121Kb / 2P
   Plastic-Encapsulate Diode
logo
SeCoS Halbleitertechnol...
BAV70DW SECOS-BAV70DW Datasheet
257Kb / 2P
   Switching Diode Plastic-Encapsulate Diode
BAV199DW SECOS-BAV199DW Datasheet
104Kb / 1P
   Switching Diode Plastic-Encapsulate Diode
BAV199DW SECOS-BAV199DW_15 Datasheet
104Kb / 1P
   Switching Diode Plastic-Encapsulate Diode
SCS401F SECOS-SCS401F_15 Datasheet
139Kb / 2P
   Plastic-Encapsulate Schottky Diode
logo
Dongguan City Niuhang E...
MMBD4148 NIUHANG-MMBD4148 Datasheet
212Kb / 3P
   PLASTIC-ENCAPSULATE SWITCHING DIODE
BZT52B2V4 NIUHANG-BZT52B2V4 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
BZT52C2V0S NIUHANG-BZT52C2V0S Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com