Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ78L05 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ78L05
Description  Three-terminal positive voltage regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ78L05 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ78L05 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ78L05 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
  C0 
0.1μF 
2.80±0.05
1.60±0.05
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23-3L Encapsulate Three Terminal Voltage Regulator
CJ78L05 Three-terminal positive voltage regulator
FEATURES
Maximum Output current
IOM:
0.1 A
Output voltage
Vo:
5 V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150℃
ABSOLUTE MAXIMUM RATINGS(Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unlts
Input Voltage
 l
30
Operating Junction Temperature Range
TOPR
0—+125 
        ℃ 
Storage Temperature Range
TSTG
-55—+150 
        ℃ 
ELECTRICAL
CHARACTERISTICS(VI=10V,Io=40mA,0℃<Tj<125℃,C1=0.33μF,Co=0.1μF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Tj=25℃ 
4.8 
5.0 
5.2 
  V 
7V≤V
 l≤20V, Io=1mA-40mA 
4.75 
5.0 
5.25 
  V 
Output voltage
Vo 
7V≤V
 l≤VMAX, Io=1mA-70mA 
4.75 
5.0 
5.25 
  V 
(note) 
Tj=25℃, Io=1mA-100mA 
 
11 
60 
  mV 
Load Regulation
△Vo 
Tj=25℃, Io=1mA-40mA 
 
5.0 
30 
  mV 
7V≤V
 l≤20V, Tj=25℃ 
 
32 
150 
  mV 
Line regulation
△Vo 
8V≤V
 l≤20V, Tj=25℃ 
 
26 
100 
  mV 
Quiescent Current
 Iq 
25oC 
 
3.8 
6 
  mA 
△Iq 
8V≤V
 l≤20V 
 
 
1.5 
  mA 
Quiescent Current Change
△Iq 
1mA≤V
 l≤40mA 
 
 
0.1 
  mA 
Output Noise Voltage
 V
 
10Hz≤f≤100KHz 
 
42 
 
  uV 
Ripple Rejection
 RR 
8V≤V
 l≤18V,f=120Hz,Tj=25℃ 
41 
80 
 
  dB 
Dropout Voltage
 Vd 
Tj=25℃ 
 
1.7 
 
   V 
TYPICAL APPLICATION
vi
3
1
Vo
UTC
  
   C1            
                                0.33μF                              
Note 1:Bypass capacitors are recommended for optimum stability and transient response and should be located as close as
Possible to the regulators.
  CJ78L05
SOT-23-3L
1.OUT 
2.IN 
3.GND 


Similar Part No. - CJ78L05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJ78L05 ETC-CJ78L05 Datasheet
976Kb / 2P
   THREE TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Jiangsu Changjiang Elec...
CJ78L05 JIANGSU-CJ78L05 Datasheet
108Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05 JIANGSU-CJ78L05 Datasheet
232Kb / 3P
   Three-terminal positive voltage regulator
logo
Nanjing International G...
CJ78L05 DGNJDZ-CJ78L05 Datasheet
653Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78L05 JIANGSU-CJ78L05 Datasheet
1Mb / 4P
   Plastic-Encapsulate Voltage Regulators
More results

Similar Description - CJ78L05

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
CJ7809F JIANGSU-CJ7809F Datasheet
3Mb / 3P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com