Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C33 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BZX84C33
Description  Plastic-Encapsulate Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BZX84C33 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BZX84C33 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX84C33 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX84C33 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS18001 Rev. P-2
1 of 3
BZX84C2V4 - BZX84C51
BZX84C2V4 - BZX84C51
Features
·
Planar Die Construction
·
350mW Power Dissipation
·
Zener Voltages from 2.4V - 51V
·
Ideally Suited for Automated Assembly
Processes
A
E
J
L
TOP VIEW
M
B C
H
G
D
K
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.19
1.40
C
2.10
2.50
D
0.89
1.05
E
0.45
0.61
G
1.78
2.05
H
2.65
3.05
J
0.013
0.15
K
0.89
1.10
L
0.45
0.61
M
0.076
0.178
All Dimensions in mm
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
350
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
357
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, 300ms pulse width, period = 5ms.
3. f = 1KHz.
Maximum Ratings @ TA = 25°C unless otherwise specified
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Diode
MAKING see table on page 2 the first code


Similar Part No. - BZX84C33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C33 VISHAY-BZX84C33 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Zibo Seno Electronic En...
BZX84C33 ZSELEC-BZX84C33 Datasheet
132Kb / 3P
   350mW Silicon Planar Zener Diodes
logo
Shenzhen Jin Yu Semicon...
BZX84C33 HTSEMI-BZX84C33 Datasheet
712Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C33 MAKOSEMI-BZX84C33 Datasheet
825Kb / 5P
   SOT-24 Plastic-Encapsulate Diodes
logo
Continental Device Indi...
BZX84C33 CDIL-BZX84C33 Datasheet
111Kb / 4P
   SILIICON PLANAR VOLTAGE REGULATOR DIODE
More results

Similar Description - BZX84C33

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV199 SECOS-BAV199 Datasheet
1Mb / 2P
   Plastic-Encapsulate Diode
logo
SHENZHEN YONGERJIA INDU...
MMBZ5221B WINNERJOIN-MMBZ5221B_15 Datasheet
137Kb / 2P
   Plastic-Encapsulate Diode
logo
TRANSYS Electronics Lim...
MMBD4448AQW TEL-MMBD4448AQW Datasheet
121Kb / 2P
   Plastic-Encapsulate Diode
logo
SeCoS Halbleitertechnol...
BAV70DW SECOS-BAV70DW Datasheet
257Kb / 2P
   Switching Diode Plastic-Encapsulate Diode
BAV199DW SECOS-BAV199DW Datasheet
104Kb / 1P
   Switching Diode Plastic-Encapsulate Diode
BAV199DW SECOS-BAV199DW_15 Datasheet
104Kb / 1P
   Switching Diode Plastic-Encapsulate Diode
SCS401F SECOS-SCS401F_15 Datasheet
139Kb / 2P
   Plastic-Encapsulate Schottky Diode
logo
Dongguan City Niuhang E...
MMBD4148 NIUHANG-MMBD4148 Datasheet
212Kb / 3P
   PLASTIC-ENCAPSULATE SWITCHING DIODE
BZT52B2V4 NIUHANG-BZT52B2V4 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
BZT52C2V0S NIUHANG-BZT52C2V0S Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com