Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5232-5.0TD Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK5232-5.0TD
Description  HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5232-5.0TD Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK5232-5.0TD Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5232-5.0TD Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5232-5.0TD Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5232-5.0TD Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5232-5.0TD Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5232-5.0TD Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
MECHANICAL SPECIFICATIONS
ORDERING INFORMATION
Rev. D 8/05
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD Triangle Indicates Pin 1.
MSK5232-3.3 H T D
LEAD CONFIGURATIONS
(GULL WING NOT AVAILABLE WITH TOP TAB VERSION)
S= STRAIGHT; U= BENT UP; D= BENT DOWN
PACKAGE STYLE
T=TOP TAB; BLANK=NO TAB
SCREENING
BLANK= INDUSTRIAL; E=EXTENDED RELIABILITY
H= MIL-PRF-38534 CLASS H
OUTPUT VOLTAGE
1.5=+1.5V; 1.7=+1.7V; 1.8=+1.8V; 1.9=+1.9V;
2.5=+2.5V; 3.3=+3.3V; 5.0=+5.0V; 12=+12.0V
GENERAL PART NUMBER


Similar Part No. - MSK5232-5.0TD

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5232-5.0 ANAREN-MSK5232-5.0 Datasheet
135Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5232-5.0HSU ANAREN-MSK5232-5.0HSU Datasheet
135Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5232-5.0HTD ANAREN-MSK5232-5.0HTD Datasheet
135Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5232-5.0HTS ANAREN-MSK5232-5.0HTS Datasheet
135Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results

Similar Description - MSK5232-5.0TD

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5230-3.3H MSK-MSK5230-3.3H Datasheet
218Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5230 ANAREN-MSK5230 Datasheet
732Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5232 ANAREN-MSK5232 Datasheet
135Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215 ANAREN-MSK5215 Datasheet
714Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5215-50 MSK-MSK5215-50 Datasheet
115Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-50 MSK-MSK5215-50 Datasheet
115Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-3.3H MSK-MSK5215-3.3H Datasheet
220Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-120 MSK-MSK5215-120 Datasheet
115Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275-3.3H MSK-MSK5275-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5250-3.3H MSK-MSK5250-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com