Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P14TG-2412Z41 Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P14TG-2412Z41
Description  P14TG-XXXXZ4:1 1.5 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P14TG-2412Z41 Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P14TG-2412Z41 Datasheet HTML 1Page - PEAK electronics GmbH P14TG-2412Z41 Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
MP SERIES
P14TG-XXXXZ4:1 1.5 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
Available Inputs:
24 and 48 VDC Wide Input 4:1
Available Outputs:
(+/-) 3.3, 5, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
9 - 36 VDC (24 VDC), 18 - 72 VDC (48 VDC)
Filter
Pi Network
Isolation Specifications
Rated voltage
1500 Vdc
Resistance
10
9 Ohm
Capacitance
80 pF typ.
Output Specifications
Voltage accuracy
+/- 1 % typ. +/-2% max.
Ripple and noise (at 20 MHz BW)
60 mV p-p, max.
Short circuit protection
Continuous , restart automatic
Line voltage regulation
+/- 0,5 % max.
Load voltage regulation
+/- 0,5 % max.
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
70 % to 85 %
Switching frequency
250 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
-40°C to +85°C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions
31,75 x 20,32 x 10,16 mm
1,25 x 0,80 x 0,40 inches
Weight
18,5 g
Case material
Non conductive black plastic
Examples of Partnumbers/Modelcode
PART
NO.
INPUT
VOLTAGE
(VDC)
Nominal
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
P14TG-2405Z4:1
9-36
5.6
162
+/- 5
+/- 300
77
P14TG-2412Z4:1
9-36
5.6
158
+/- 12
+/- 125
79
P14TG-4805Z4:1
18-72
5
80
+/- 5
+/- 300
79
P14TG-4812Z4:1
18-72
5
80
+/- 12
+/- 125
79


Similar Part No. - P14TG-2412Z41

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P14TG-2412Z41H35 PEAK-P14TG-2412Z41H35 Datasheet
204Kb / 2P
   P14TG-XXXXZ4:1H35 3.5 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
P14TG-2412Z41H35M PEAK-P14TG-2412Z41H35M Datasheet
216Kb / 2P
   P14TG-XXXXZ4:1H35M 3.5 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
P14TG-2412Z41M PEAK-P14TG-2412Z41M Datasheet
216Kb / 2P
   P14TG-XXXXZ4:1M 1.5 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
More results

Similar Description - P14TG-2412Z41

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P14TG-2405Z41M PEAK-P14TG-2405Z41M Datasheet
216Kb / 2P
   P14TG-XXXXZ4:1M 1.5 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
P14TG-2405Z41H35M PEAK-P14TG-2405Z41H35M Datasheet
216Kb / 2P
   P14TG-XXXXZ4:1H35M 3.5 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
P14TG-2405Z41H35 PEAK-P14TG-2405Z41H35 Datasheet
204Kb / 2P
   P14TG-XXXXZ4:1H35 3.5 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
P14TG-1205Z21 PEAK-P14TG-1205Z21 Datasheet
214Kb / 2P
   P14TG-XXXXZ2:1 1.5 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
PEN4-2405Z41 PEAK-PEN4-2405Z41 Datasheet
184Kb / 2P
   PEN4-XXXXZ4:1 1.5 KV ISOLATED 3 - 4 W REGULATED DUAL OUTPUT DIP24
P14TG-2405E41 PEAK-P14TG-2405E41 Datasheet
207Kb / 2P
   P14TG-XXXXE4:1 1.5 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24
P14TG-1205Z21M PEAK-P14TG-1205Z21M Datasheet
226Kb / 2P
   P14TG-XXXXZ2:1M 1.5 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
P14TG-1205E21 PEAK-P14TG-1205E21 Datasheet
214Kb / 2P
   P14TG-XXXXE2:1 1.5 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24
PEN6-2405Z41 PEAK-PEN6-2405Z41 Datasheet
196Kb / 3P
   PEN6-XXXXZ4:1 1.5 KV ISOLATED 5 - 6 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6Z PEAK-P8SG-053R6Z Datasheet
199Kb / 2P
   1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com