Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ7815-TO-220 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ7815-TO-220
Description  Three-terminal positive voltage regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ7815-TO-220 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ7815-TO-220 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ7815-TO-220 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
  Co 
0.1μF 
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220 Encapsulate Voltage Regulator
CJ7815
Three-terminal positive voltage regulator
FEATURES
Maximum Output current
IOM:
1.5
A
Output voltage
Vo
15
V
ABSOLUTE MAXIMUM RATINGS(Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
 i
35
Operating Junction Temperature Range
TOPR
     -20-+125 
         ℃ 
Storage Temperature Range
TSTG
     -55-+150 
         ℃ 
ELECTRICAL CHARACTERISTICS(Vi=23V,Io=500mA,0℃<Tj<125℃,Ci=0.33μF,Co=0.1μF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Tj=25℃ 
14.4 
15 
15.6 
V 
Output voltage
Vo 
17.5V≤V
 i≤30V, Io=5mA-1A 
Po< 15W 
14.25 
15 
15.75 
V 
Tj=25℃, Io=5mA-1.5A 
 
12 
300 
mV 
Load Regulation
△Vo 
Tj=25℃, Io=250mA-750mA 
 
3 
150 
mV 
17.5V≤V
 i≤30V, Tj=25℃ 
 
12 
300 
mV 
Line regulation
△Vo 
20V≤V
 i≤26V, Tj=25℃ 
 
3 
150 
mV 
Quiescent Current
Iq 
Tj=25℃ 
 
4.3 
8 
mA 
△Iq 
17.5V≤V
 i≤30V
 
 
 
1 
mA 
Quiescent Current Change
△Iq 
5mA≤I
 O≤1A 
 
 
0.5 
mA 
Output Noise Voltage
 
10Hz≤f≤100KHz 
 
90 
 
μV 
Ripple Rejection
RR 
18.5V≤V
 i≤28.5V,f=120Hz,Tj=25℃ 
54 
70 
 
dB 
Dropout Voltage
Vd 
Tj=25℃, Io=1A 
 
2 
 
V 
Short Circuit Current
Isc 
Tj=25℃ 
 
230 
 
mA 
Peak Current
Ipk 
Tj=25℃ 
 
2.1 
 
A 
TYPICAL APPLICATION
vi
1
3
Vo
UTC
  
   Ci            
                                0.33μF                              
1 2 3
  CJ7815
TO—220
1.IN
2.GND
3.OUT


Similar Part No. - CJ7815-TO-220

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ7815-TO220-3L ZPSEMI-CJ7815-TO220-3L Datasheet
574Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulator
CJ7815-TO263-3L ZPSEMI-CJ7815-TO263-3L Datasheet
402Kb / 1P
   TO-263-3L Plastic-Encapsulate Voltage Regulators
More results

Similar Description - CJ7815-TO-220

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
CJ7809F JIANGSU-CJ7809F Datasheet
3Mb / 3P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com