Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC114WE Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # DTC114WE
Description  Digital transistors (built-in resistors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

DTC114WE Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  DTC114WE Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd DTC114WE Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
Digital transistors (built-in resistors)
DTC114WE/DTC114WUA/DTC114WCA
DTC114WKA/DTC114WSA
DIGITAL TRANSISTOR (NPN)
Features
1) Built-in bias resistors enable the configuration of an inverter circuit without
connecting external input resistors (see equivalent circuit).
2) The bias resistors consist of thin-film resistors with complete isolation to
allow negative biasing of the input. They also have the advantage of
almost completely eliminating parasitic effects.
3) Only the on/off conditions need to be set for operation, making device design easy.
PIN CONNENCTIONS AND MARKING
SOT-523
SOT-323
SOT-23
TO-92S
SOT-23
SOT-23-3L
DTC114WE
DTC114WUA
DTA114ECA
DTC114WCA
DTC114WKA
DTC114WSA
Addreviated symbol: 84
Addreviated symbol: 84
Addreviated symbol: 84
Addreviated symbol: 84


Similar Part No. - DTC114WE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114WE ROHM-DTC114WE Datasheet
81Kb / 4P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC114WE SECOS-DTC114WE Datasheet
386Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC114WE ROHM-DTC114WE Datasheet
147Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
Taiwan Semiconductor Co...
DTC114WE TSC-DTC114WE Datasheet
201Kb / 2P
   NPN Small Signal Transistor
logo
Rohm
DTC114WE ROHM-DTC114WE Datasheet
87Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
More results

Similar Description - DTC114WE

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com