Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6CG-0505E Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P6CG-0505E
Description  P6CG-XXXXE 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT SIP7
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6CG-0505E Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P6CG-0505E Datasheet HTML 1Page - PEAK electronics GmbH P6CG-0505E Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
P6CG-XXXXE 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT SIP7
Available Inputs: 5, 12 and 24 VDC
Available Outputs: 3.0, 3.3, 5, 9, and 12 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
+/- 10 %
Filter
Capacitors
Isolation Specifications
Rated voltage
1000 VDC
Resistance
10
9 Ohm
Capacitance
60 pF typ.
Output Specifications
Voltage accuracy
+/- 2 %
Ripple and noise (at 20 MHz BW)
50 mV p-p, max.
Short circuit protection
Short term
Line voltage regulation
+/- 0,5 % max., (3.3 VDC output +/- 1 % max )
Load voltage regulation
+/- 0,5 % typ., +/- 1 % max. (No load to full load)
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
58 % to 66 %
Switching frequency
70 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
- 40° C to + 85° C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions SIP
19,50 x 7,20 x 9,50 mm
0,76 x 0,28 x 0,37 inches
Weight
2,7 g
Case material
Non conductive black plastic
Examples of Partnumbers/Modelcode
PART
NO.
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
P6CG-0503E
5
20
200
3
200
60
P6CG-053R3E
5
22
220
3,3
200
60
P6CG-054R8E
5
25
318
4,85
200
61
P6CG-0505E
5
28
312
5
200
63
P6CG-0509E
5
32
312
9
111
64
P6CG-0512E
5
45
312
12
84
64
P6CG-1203E
12
15
83
3
200
60
P6CG-123R3E
12
15
92
3,3
200
60
P6CG-124R8E
12
15
133
4,85
200
61
P6CG-1205E
12
16
130
5
200
64
P6CG-1209E
12
16
123
9
111
68
P6CG-1212E
12
22
123
12
84
68
P6CG-2403E
24
8
43
3
200
58
P6CG-243R3E
24
8
47
3,3
200
58
P6CG-244R8E
24
7
64
4,85
200
63
P6CG-2405E
24
7
64
5
200
65
P6CG-2409E
24
10
63
9
111
66
P6CG-2412E
24
10
63
12
84
66


Similar Part No. - P6CG-0505E

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6CG-0505ELF PEAK-P6CG-0505ELF Datasheet
137Kb / 3P
   Low Ripple and Noise
More results

Similar Description - P6CG-0505E

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6CG0503ZS PEAK-P6CG0503ZS Datasheet
177Kb / 2P
   P6CG-XXXXZS 1KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7
PN6CU-0505E PEAK-PN6CU-0505E Datasheet
264Kb / 3P
   PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
P6CU-0505E PEAK-P6CU-0505E Datasheet
250Kb / 2P
   P6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
P6DG-0503E PEAK-P6DG-0503E Datasheet
101Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14
PB6FG-123R3E21 PEAK-PB6FG-123R3E21 Datasheet
217Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
P2BU-0505E PEAK-P2BU-0505E Datasheet
245Kb / 2P
   P2BU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT DIP8
P2AU-0505E PEAK-P2AU-0505E Datasheet
214Kb / 2P
   P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4
PB6FG-123R3Z21 PEAK-PB6FG-123R3Z21 Datasheet
218Kb / 2P
   1KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
PB10FG-1205E21 PEAK-PB10FG-1205E21 Datasheet
215Kb / 2P
   1KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
P10CU-0505E PEAK-P10CU-0505E Datasheet
222Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com