Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNW9B2BZFZ Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNW9B2BZFZ
Description  5.0 mm Blue
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNW9B2BZFZ Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNW9B2BZFZ Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit: mm
1: Anode
2: Cathode
109
Round Type
φ 5.0 mm Blue
LNW9B2BZFZ
s Absolute Maximum Ratings (T
a = 25°C)
Blue
PD(mW)
120
IF(mA)
30
IFP(mA)
100
VR(V)
4
Topr(°C)
−25 ∼ +85
Tstg(°C)
−30 ∼ +100
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
LNW9B2BZFZ
Unit
Blue
Clear
460
20
3.7
4.3
468
30
20
1.3
0.9
mcd
mcd
mA
V
V
nm
nm
mA
µAV
Lighting Color
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
Conventional Part No.
Global Parts No.
Lighting Color
LNW9B2BZFZ ········ LNW9B2BZFZ ········· Blue
5.80
± 0.2
4.60
± 0.2
0.6
± 0.1
(2.54)
12
2
− 0.6 ± 0.1
2
− 0.8 Max
IO Ta
500
300
30
50
100
10
0
−20
80
100
60
40
20
2.0
3.0
4.0
6.0
5.0
100
50
30
5
3
10
1
IF VF
0
0
20
20
10
30
40
50
40
60
80
100
100
500
550
80
60
40
20
0
IF Ta
Relative Luminous Intensity
Wavelength Characteristics
Wavelength
Ambient Temperature
Forward Voltage
Ambient Temperature
400
450
deg
-90
0
-60
-30
0
30
60
90
40
20
60
80
100
120
Directive Characteristics
X
X
Y
Y
3
1
5
10
50
100
30
1000
500
50
30
100
10
IO IF
Forward Current
350


Similar Part No. - LNW9B2BZFZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNW9A8BYFZ PANASONIC-LNW9A8BYFZ Datasheet
20Kb / 1P
   4.0 mm Blue
More results

Similar Description - LNW9B2BZFZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNG992CFB PANASONIC-LNG992CFB Datasheet
29Kb / 1P
   5.0 mm Blue Series
LNG901LCFB PANASONIC-LNG901LCFB Datasheet
30Kb / 1P
   5.0 mm Blue Series
LNG91LCFB PANASONIC-LNG91LCFB Datasheet
29Kb / 1P
   5.0 mm Blue Series
LN21RTH PANASONIC-LN21RTH Datasheet
30Kb / 1P
   5.0 mm Series
LNG892CF8 PANASONIC-LNG892CF8 Datasheet
29Kb / 1P
   5.0 mm InGaAIP
logo
HK TO-GRACE TECHNOLOGY ...
KAAF-5050RGBS-13 TO-GRACE-KAAF-5050RGBS-13 Datasheet
1Mb / 5P
   5.0 mm x 5.0 mm Surface Mount LED Lamp
logo
Panasonic Semiconductor
LN21RCPH PANASONIC-LN21RCPH Datasheet
316Kb / 3P
   phi 5.0 mm
LN21RPX PANASONIC-LN21RPX Datasheet
30Kb / 1P
   5.0 mm Series
LN21RPSLX PANASONIC-LN21RPSLX Datasheet
30Kb / 1P
   5.0 mm Series
LN21RPHL PANASONIC-LN21RPHL Datasheet
29Kb / 1P
   5.0 mm Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com