Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6CUI-120512Z Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P6CUI-120512Z
Description  1KV ISOLATED 1W UNREGULATED DUAL SEPARATE OUTPUT SIP7
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6CUI-120512Z Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P6CUI-120512Z Datasheet HTML 1Page - PEAK electronics GmbH P6CUI-120512Z Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M1 SERIES
P6CUI-XXXXXXZ 1KV ISOLATED 1W UNREGULATED DUAL SEPARATE OUTPUT SIP7
Dimensions
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
1.00 W
- 40
0
40
80
100
85
Output
Pin
Connection
#
Dual Separate
1
+ V
Input
2
- V
Input
4
+ V1 Output
5
- V1 Output
6
+ V2 Output
7
- V2 Output
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001


Similar Part No. - P6CUI-120512Z

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6CUI-120512ZLF PEAK-P6CUI-120512ZLF Datasheet
141Kb / 3P
   PM1-SERIES
More results

Similar Description - P6CUI-120512Z

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6CU-0505Z PEAK-P6CU-0505Z Datasheet
244Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6DUI-050505Z PEAK-P6DUI-050505Z Datasheet
257Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL SEPARATE OUTPUT DIP14
PN6CU-0505E PEAK-PN6CU-0505E Datasheet
264Kb / 3P
   PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
P10CU-0505Z PEAK-P10CU-0505Z Datasheet
233Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P6CU-0505E PEAK-P6CU-0505E Datasheet
250Kb / 2P
   P6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
P6DU-0505Z PEAK-P6DU-0505Z Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
P6LU PEAK-P6LU Datasheet
248Kb / 2P
   4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6LU-053R3Z PEAK-P6LU-053R3Z Datasheet
235Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P10CU-0505E PEAK-P10CU-0505E Datasheet
222Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
P6LU-053R3ZH52 PEAK-P6LU-053R3ZH52 Datasheet
235Kb / 2P
   5.2 KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com