Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906E Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMBT3906E
Description  TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMBT3906E Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMBT3906E Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBT3906E Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBT3906E Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL
CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector output capacitance
Cobo
VCB=-5V,IE=0,f=1MHz
4.5
pF
Input capacitance
Ciob
VEB=-0.5V,IC=0,f=1MHz
10
pF
Noise figure
NF
VCE=-5V,Ic=0.1mA,f=1KHz,RS=1KΩ
4
dB
Delay time
td
35
nS
Rise time
tr
VCC=-3V, VBE(OFF)=0.5V,IC=-10mA ,
IB1=-1mA
35
nS
Storage time
tS
225
nS
Fall time
tf
VCC=-3V, IC=-10mA,IB1= IB2=- 1mA
75
nS
Typical Characteristics
MMBT3906E


Similar Part No. - MMBT3906E

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
MMBT3906EF KODENSHI-MMBT3906EF Datasheet
238Kb / 4P
   Small signal application
More results

Similar Description - MMBT3906E

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
   TRANSISTOR TRANSISTOR LOGIC
NTE74LS76A NTE-NTE74LS76A Datasheet
104Kb / 1P
   Transistor transistor logic
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
   TRANSISTOR SWITCHING TRANSISTOR
REV1.0
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
   Silicon Transistor Amplifier Transistor
logo
AiT Semiconductor Inc.
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Jiangsu Changjiang Elec...
S9012M JIANGSU-S9012M Datasheet
194Kb / 3P
   TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com