Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P8SG-1205ZH52 Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P8SG-1205ZH52
Description  5.2 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P8SG-1205ZH52 Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P8SG-1205ZH52 Datasheet HTML 1Page - PEAK electronics GmbH P8SG-1205ZH52 Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
M5 SERIES
P8SG-XXXXZH52 5.2 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
Available Inputs:
5, 12 and 24 VDC
Available Outputs:
(+/-) 3.6, 5, 7.2, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
+/- 10 %
Filter
Pi Network
Isolation Specifications
Rated voltage
5200 Vdc
Leakage current
1 mA
Resistance
10
9 Ohm
Capacitance
60 pF typ.
Output Specifications
Voltage accuracy
+/- 2 %, max.
Ripple and noise (at 20 MHz BW)
75 mV p-p, max.
Short circuit protection
Continuous , restart automatic
Line voltage regulation
+/- 0,5 % max.
Load voltage regulation
+/- 0,5 % max.
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
65 % to 85 %
Switching frequency
125 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
-25°C to +71°C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions
31,75 x 20,32 x 10,16 mm
1,25 x 0,80 x 0,40 inches
Weight
12,2 g
Case material
Non conductive black plastic
Examples of Partnumbers/Modelcode
PART
NO.
INPUT
VOLTAGE
(VDC)
Nominal
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
P8SG-053R6ZH52
5
78
443
+/- 3,6
+/- 200
65
P8SG-0505ZH52
5
75
454
+/- 5
+/- 150
66
P8SG-1205ZH52
12
70
184
+/- 5
+/- 150
68
P8SG-1212ZH52
12
67
181
+/- 12
+/- 63
69
P8SG-2405ZH52
24
32
96
+/- 5
+/- 150
65
P8SG-247R2ZH52
24
29
91
+/- 7.2
+/- 100
66
P8SG-2415ZH52
24
26
91
+/- 15
+/- 50
69


Similar Part No. - P8SG-1205ZH52

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P8SG-1205ZH30 PEAK-P8SG-1205ZH30 Datasheet
200Kb / 2P
   3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-1205ZH30M PEAK-P8SG-1205ZH30M Datasheet
213Kb / 3P
   3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
More results

Similar Description - P8SG-1205ZH52

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P8SG-0505EH52 PEAK-P8SG-0505EH52 Datasheet
197Kb / 2P
   5.2 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
P10SG-0505ZH52 PEAK-P10SG-0505ZH52 Datasheet
194Kb / 2P
   5.2 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P14SG-0505ZH52 PEAK-P14SG-0505ZH52 Datasheet
199Kb / 2P
   5.2 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
P8TG-123R3Z21 PEAK-P8TG-123R3Z21 Datasheet
213Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-243R3Z41M PEAK-P8TG-243R3Z41M Datasheet
219Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-123R3Z21M PEAK-P8TG-123R3Z21M Datasheet
226Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P10TG-2405Z41M PEAK-P10TG-2405Z41M Datasheet
219Kb / 2P
   1.5 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6Z PEAK-P8SG-053R6Z Datasheet
199Kb / 2P
   1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P18TG-243R3Z41 PEAK-P18TG-243R3Z41 Datasheet
207Kb / 2P
   1.5 KV ISOLATED 4 W REGULATED DUAL OUTPUT DIP24
P26TG-1205Z21 PEAK-P26TG-1205Z21 Datasheet
203Kb / 2P
   1.5 KV ISOLATED 6 W REGULATED DUAL OUTPUT DIP24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com