Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB42WG-2405Z21 Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # PB42WG-2405Z21
Description  1.5 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PB42WG-2405Z21 Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PB42WG-2405Z21 Datasheet HTML 1Page - PEAK electronics GmbH PB42WG-2405Z21 Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B7 SERIES
PB42WG-XXXXZ2:1 1.5 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
Dimensions
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:0 / 11.2002


Similar Part No. - PB42WG-2405Z21

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PB42WG-2405Z21H30 PEAK-PB42WG-2405Z21H30 Datasheet
210Kb / 2P
   3 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
More results

Similar Description - PB42WG-2405Z21

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PB42WG-123R3E21 PEAK-PB42WG-123R3E21 Datasheet
210Kb / 2P
   1.5 KVDC ISOLATED 10 W REGULATED SINGLE OUTPUT
PB42WG-123R3Z21H30 PEAK-PB42WG-123R3Z21H30 Datasheet
210Kb / 2P
   3 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
PB47WG-1205Z21 PEAK-PB47WG-1205Z21 Datasheet
194Kb / 2P
   PB47WG-XXXXZ2:1 1.5 KVDC ISOLATED 15 W REGULATED DUAL OUTPUT
PB42WG-123R3E21H30 PEAK-PB42WG-123R3E21H30 Datasheet
210Kb / 2P
   3 KVDC ISOLATED 10 W REGULATED SINGLE OUTPUT
PB47WG-1205E21 PEAK-PB47WG-1205E21 Datasheet
193Kb / 2P
   PB47WG-XXXXE2:1 1.5 KVDC ISOLATED 15 W REGULATED SINGLE OUTPUT
P8TG-123R3Z21 PEAK-P8TG-123R3Z21 Datasheet
213Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-123R3Z21M PEAK-P8TG-123R3Z21M Datasheet
226Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-243R3Z41M PEAK-P8TG-243R3Z41M Datasheet
219Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P10TG-1205Z21 PEAK-P10TG-1205Z21 Datasheet
207Kb / 2P
   1.5 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZH30 PEAK-P8SG-053R6ZH30 Datasheet
200Kb / 2P
   3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com