Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61112FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M61112FP
Description  Coil-less VIF/SIF
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61112FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M61112FP Datasheet HTML 1Page - Renesas Technology Corp M61112FP Datasheet HTML 2Page - Renesas Technology Corp M61112FP Datasheet HTML 3Page - Renesas Technology Corp M61112FP Datasheet HTML 4Page - Renesas Technology Corp M61112FP Datasheet HTML 5Page - Renesas Technology Corp M61112FP Datasheet HTML 6Page - Renesas Technology Corp M61112FP Datasheet HTML 7Page - Renesas Technology Corp M61112FP Datasheet HTML 8Page - Renesas Technology Corp M61112FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Rev.1.0, Sep.16.2003, page 1 of 18
M61112FP
Coil-less VIF/SIF
REJ03F0022-0100Z
Rev.1.0
Sep.16.2003
Description
M61112FP is a semiconductor integrated circuit consisting of IF signal processing for NTSC system. The circuit
includes VIF amplifier, Video detector, Coil-less VCO, APC detector, IF/RF AGC, SIF limiter and FM detector
functions, which permits a smaller tuner system.
Feature
• Inter and split system for NTSC
• Built-in coil-less VCO
• Non alignment AFT
• 3.58MHz/4.0MHz Reference frequency
• Built-in mute function VIF and SIF
• Built-in SIF buffer
• Receive FM radio
Application
TV set, VCR tuners.
Recommended Operating Condition
Operating power supply voltage
5+/–0.25V
Pin Configulation
NC
AFT
EQ F/B
RF AGC
Video out
Logic Vcc
TV/FM SW
Ref. signal (3.58/4.00)
Video in
Logic GND
Vcc
NC
Video det out
Audio level cont.
23
13
22
14
24
12
25
11
26
10
27
9
28
8
2
20
1
21
3
19
4
18
6
16
7
15
5
17
M61112FP


Similar Part No. - M61112FP

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M61112GFCN MTRONPTI-M61112GFCN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M61112GFSN MTRONPTI-M61112GFSN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M61112GTCN MTRONPTI-M61112GTCN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M61112GTSN MTRONPTI-M61112GTSN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M61112HFCN MTRONPTI-M61112HFCN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
More results

Similar Description - M61112FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M61111FP HITACHI-M61111FP Datasheet
271Kb / 20P
   Coil-less VIF/SIF
logo
Renesas Technology Corp
M61110FP RENESAS-M61110FP Datasheet
208Kb / 20P
   Coil-less VIF/SIF
M61113FP RENESAS-M61113FP Datasheet
283Kb / 17P
   Coil-less VIF/SIF
M61111FP RENESAS-M61111FP Datasheet
393Kb / 20P
   Coil-less VIF/SIF
M51496P RENESAS-M51496P Datasheet
4Mb / 15P
   VIF/SIF
logo
Sanyo Semicon Device
N6804 SANYO-N6804 Datasheet
1Mb / 15P
   VIF/SI SIF
logo
New Japan Radio
NJM2542 NJRC-NJM2542 Datasheet
97Kb / 6P
   VIF/ SIF DEMODULATOR
logo
Rohm
BA7358S ROHM-BA7358S Datasheet
250Kb / 15P
   VIF/SIF signal processor
logo
Mitsubishi Electric Sem...
M52313SP MITSUBISHI-M52313SP Datasheet
413Kb / 7P
   STANDARD PLL VIF/SIF
logo
Rohm
BA7356 ROHM-BA7356 Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com