Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD6NG-2415E21 Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # PD6NG-2415E21
Description  PD6NG-XXXXE2:1 1KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PD6NG-2415E21 Datasheet(HTML) 1 Page - PEAK electronics GmbH

  PD6NG-2415E21 Datasheet HTML 1Page - PEAK electronics GmbH PD6NG-2415E21 Datasheet HTML 2Page - PEAK electronics GmbH PD6NG-2415E21 Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PD6NG-XXXXE2:1 1KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8
Electrical Specifications
(Typical at + 25℃ , nominal input voltage, rated output current unless otherwise specified)
Input Specifions
Voltage range
4.5-9, 9-18, 18-36 and 36-72 VDC Wide lnput
Filter
Capacitor type
lsolation Specifications
Rated voltage
1000 VDC
Resistance
1 GΩ
Capacitance
65 PF
Output Specifications
Voltage accuracy
+/−2 %, typ.
Ripple and noise (at 20 MHz BW)
100 mV p-p, max.
Short circuit protection
Continuous, auto restart
Line voltage regulation
+/−0.2 % typ.
Load voltage regulation
+/−0.5 % typ.
load = 10 ~ 100%
Temperature coefficient
+/−0.02 % / ℃
General Specifications
Efficiency
Refer to the table
Switching frequency
75 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
− 40 ℃ to + 80 ℃
Storage temperature
− 55 ℃ to + 125 ℃
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions SIP
21.80 x 9.20 x 11.10 mm
Case material
Non conductive black plastic
Samples of Partnumbers
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
NO LOAD
(mA)
INPUT
CURRENT
FULL LOAD
(mA)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max.mA)
PD6NG-053R3E2:1
4.5 - 9
24
243
3,3
303
PD6NG-0505E2:1
4.5 - 9
23
229
5
200
PD6NG-0509E2:1
4.5 - 9
23
229
9
111
PD6NG-0512E2:1
4.5 - 9
23
226
12
83
PD6NG-0515E2:1
4.5 - 9
22
222
15
66
PD6NG-0524E2:1
4.5 - 9
23
227
24
42
PD6NG-123R3E2:1
9 - 18
24
236
3,3
303
PD6NG-1205E2:1
9 - 18
13
111
5
200
PD6NG-1209E2:1
9 - 18
12
110
9
111
PD6NG-1212E2:1
9 - 18
11
106
12
83
PD6NG-1215E2:1
9 - 18
11
108
15
66
PD6NG-1224E2:1
9 - 18
11
110
24
42
PD6NG-243R3E2:1
18 - 36
7
58
3,3
303
PD6NG-2405E2:1
18 - 36
7
55
5
200
PD6NG-2409E2:1
18 - 36
8
55
9
111
PD6NG-2412E2:1
18 - 36
7
55
12
83
PD6NG-2415E2:1
18 - 36
6
53
15
66
PD6NG-2424E2:1
18 - 36
7
54
24
42
PD6NG-483R3E2:1
36 - 72
3
29
3,3
303
PD6NG-4805E2:1
36 - 72
4
27
5
200
PD6NG-4809E2:1
36 - 72
4
27
9
111
PD6NG-4812E2:1
36 - 72
3
27
12
83
PD6NG-4815E2:1
36 - 72
3
26
15
66
PD6NG-4824E2:1
36 - 72
3
26
24
42
PART
NO.
EFFICIENCY FULL LOAD
(% TYP.)
72
68
72
73
74
73
70
74
75
78
77
76
71
75
75
76
78
77
80
80
72
76
78
78
Telefon: +49 (0)6135 931069
Telefax: +49 (0)6135 931070
www.peak-electronics.de
info@peak-electronics.de


Similar Part No. - PD6NG-2415E21

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PD6NG-2415E21H30 PEAK-PD6NG-2415E21H30 Datasheet
82Kb / 3P
   PD6NG-XXXXE2:1H30 3KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8
More results

Similar Description - PD6NG-2415E21

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PD6NG-053R3Z21 PEAK-PD6NG-053R3Z21 Datasheet
66Kb / 3P
   PD6NG-XXXXZ2:1 1KV ISOLATED 1W REGULATED DUAL OUTPUT SIP8
PD6NG-053R3E21H30 PEAK-PD6NG-053R3E21H30 Datasheet
82Kb / 3P
   PD6NG-XXXXE2:1H30 3KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8
PD10NG-053R3E21 PEAK-PD10NG-053R3E21 Datasheet
82Kb / 3P
   PD10NG-XXXXE2:1 1KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8
PD6NG-053R3Z21H30 PEAK-PD6NG-053R3Z21H30 Datasheet
84Kb / 3P
   PD6NG-XXXXZ2:1H30 3KV ISOLATED 1W REGULATED DUAL OUTPUT SIP8
PD10NG-053R3E21H30 PEAK-PD10NG-053R3E21H30 Datasheet
82Kb / 3P
   PD10NG-XXXXE2:1H30 3KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8
PD10NG-053R3Z21 PEAK-PD10NG-053R3Z21 Datasheet
84Kb / 3P
   PD10NG-XXXXZ2:1 1KV ISOLATED 2W REGULATED DUAL OUTPUT SIP8
PS10GG-1205E21H10 PEAK-PS10GG-1205E21H10 Datasheet
203Kb / 3P
   PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
P6DG-0503E PEAK-P6DG-0503E Datasheet
101Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14
PB6FG-123R3E21 PEAK-PB6FG-123R3E21 Datasheet
217Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
P6AU-0505 PEAK-P6AU-0505 Datasheet
229Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com