Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP3A16N8TC Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXMP3A16N8TC
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP3A16N8TC Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXMP3A16N8TC Datasheet HTML 1Page - Zetex Semiconductors ZXMP3A16N8TC Datasheet HTML 2Page - Zetex Semiconductors ZXMP3A16N8TC Datasheet HTML 3Page - Zetex Semiconductors ZXMP3A16N8TC Datasheet HTML 4Page - Zetex Semiconductors ZXMP3A16N8TC Datasheet HTML 5Page - Zetex Semiconductors ZXMP3A16N8TC Datasheet HTML 6Page - Zetex Semiconductors ZXMP3A16N8TC Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZXMP3A16N8
PROVISIONAL ISSUE A - JULY 2002
6
B ASIC G ATE C HARGE W AVEFORM
G ATE C HARGE TEST C IRCUIT
S WI TCHING TIME W AVEFORMS
S WI TCHING TIME TEST C IRCUIT
C HARGE
Q
GS
Q
GD
Q
G
10V
V
G
V
V
DS
GS
12V
0.2µ F
50K
0.3µ F
I
D
I
G
C URRENT
R EGULATOR
S AME AS
D.U .T
D.U .T
V
DS
V
GS
90%
10%
T
R
T
F
T
D(OFF)
T
D(ON)
R
G
V
GS
R
D
V
DS
V
CC
P ULSE W IDTH < 1 µ S
D UTY F ACTOR
0 .1 %
£
-
0.1
1
10
0
200
400
600
800
1000
1200
1400
C
RSS
C
OSS
C
ISS
V
GS
=0V
f= 1MHz
-V
DS -Drain -Source Voltage (V)
0
5
10
15
20
25
0
2
4
6
8
10
-I
D
=4.2A
-V
DS
= 15V
Gate-Source VoltagevGateCharge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
CHARACTERISTICS


Similar Part No. - ZXMP3A16N8TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP3A16N8TC ZETEX-ZXMP3A16N8TC Datasheet
144Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8TC DIODES-ZXMP3A16N8TC Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP3A16N8TC

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com