Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP431CP Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP431CP
Description  High Speed, 3.3V Quad RS-422 Differential Line Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP431CP Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP431CP Datasheet HTML 5Page - Sipex Corporation SP431CP Datasheet HTML 6Page - Sipex Corporation SP431CP Datasheet HTML 7Page - Sipex Corporation SP431CP Datasheet HTML 8Page - Sipex Corporation SP431CP Datasheet HTML 9Page - Sipex Corporation SP431CP Datasheet HTML 10Page - Sipex Corporation SP431CP Datasheet HTML 11Page - Sipex Corporation SP431CP Datasheet HTML 12Page - Sipex Corporation SP431CP Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
SP431DS/08
SP431 High Speed, +3.3V Quad RS-422 Differential Line Driver
© Copyright 1997 Sipex Corporation
Figure 13. Differential Transition Time Vs. Temperature
Figure 14. Differential Transition Time Vs.
Power Supply Voltage
Figure 15. Complementary Skew Vs. Temperature
Figure 16. Complementary Skew Vs. Power Supply Voltage
TBD
TBD
TBD
TBD
TYPICAL PERFORMANCE CHARACTERISTICS (continued)


Similar Part No. - SP431CP

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP431CAS23RGB SYNC-POWER-SP431CAS23RGB Datasheet
388Kb / 14P
   High Voltage Adjustable Precision Shunt Regulators
SP431CBS23RGB SYNC-POWER-SP431CBS23RGB Datasheet
388Kb / 14P
   High Voltage Adjustable Precision Shunt Regulators
More results

Similar Description - SP431CP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
SP26LV432 EXAR-SP26LV432 Datasheet
780Kb / 20P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE RECEIVER
ST34C87 EXAR-ST34C87 Datasheet
72Kb / 8P
   QUAD RS-422 CMOS Differential Line Driver
logo
Texas Instruments
DS9638 TI1-DS9638_15 Datasheet
825Kb / 12P
[Old version datasheet]   RS-422 Dual High Speed Differential Line Driver
logo
National Semiconductor ...
DS9638 NSC-DS9638 Datasheet
199Kb / 6P
   RS-422 Dual High Speed Differential Line Driver
logo
Texas Instruments
DS9638QML TI1-DS9638QML Datasheet
229Kb / 10P
[Old version datasheet]   RS-422 Dual High Speed Differential Line Driver
DS9638CM TI-DS9638CM Datasheet
810Kb / 12P
[Old version datasheet]   DS9638 RS-422 Dual High Speed Differential Line Driver
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
   Quad RS-422 Differential Line Driver Radiation Hardened
PE926C32 PEREGRINE-PE926C32 Datasheet
137Kb / 6P
   Quad RS-422 Differential Line Driver Radiation Hardened
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com