Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA2C029QB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA2C029QB
Description  Silicon epitaxial planar type variable resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2C029QB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA2C029QB Datasheet HTML 1Page - Panasonic Semiconductor MA2C029QB Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Varistors
2
Characteristics charts of MA2C029
MA2C029 Series
IF  VF
VF  Ta
IF  VF
IF  VF
VF  Ta
VF  Ta
IF  VF
VF  Ta
0
0.2
0.4
0.6
0.8
1.0
−40
0
40
80
120
160
Ambient temperature T
a
(
°C)
MA2C0290A
MA2C0290B
IF
= 1.5 mA
0.01
0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
1 000
Forward voltage V
F
(V)
MA2C0290A
MA2C0290B
Ta
= 25°C
0.01
0
0.8
1.6
2.4
4.0
3.2
4.8
0.1
1
10
100
Forward voltage V
F
(V)
Ta = 150
°C
25
°C
20
°C
100
°C
MA2C029QA
MA2C029QB
0.01
0
0.4
0.8
1.2
1.6
2.0
2.4
0.1
1
10
100
1 000
Forward voltage V
F
(V)
MA2C029WA
MA2C029WB
Ta
= 25°C
0
0.4
0.8
1.2
1.6
2.0
−40
0
40
80
120
160
Ambient temperature T
a
(
°C)
MA2C029WA
MA2C029WB
IF
= 3 mA
0
1
2
3
4
5
−40
0
40
80
120
160
200
Ambient temperature T
a
(
°C)
IF
= 50 mA
3 mA
0.01 mA
MA2C029QA
MA2C029QB
0.01
01234
0.1
1
10
100
Forward voltage V
F
(V)
Ta
= 25°C
MA2C029TA
MA2C029TB
0
0.5
1.0
1.5
2.0
2.5
−40
0
40
80
120
160
Ambient temperature T
a
(
°C)
MA2C029TB
MA2C029TA
IF
= 3 mA
Characteristics charts of MA2C029W
Characteristics charts of MA2C029Q
Characteristics charts of MA2C029T


Similar Part No. - MA2C029QB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2C165 PANASONIC-MA2C165 Datasheet
49Kb / 2P
   Silicon epitaxial planar type
MA2C165001VT PANASONIC-MA2C165001VT Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
MA2C166 PANASONIC-MA2C166 Datasheet
49Kb / 2P
   Silicon epitaxial planar type
MA2C167 PANASONIC-MA2C167 Datasheet
49Kb / 2P
   Silicon epitaxial planar type
MA2C178 PANASONIC-MA2C178 Datasheet
50Kb / 2P
   Silicon epitaxial planar type
More results

Similar Description - MA2C029QB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2B027 PANASONIC-MA2B027 Datasheet
45Kb / 2P
   Silicon epitaxial planar type variable resistor
MA3X028 PANASONIC-MA3X028 Datasheet
43Kb / 3P
   Silicon epitaxial planar type variable resistor
MA30 PANASONIC-MA30 Datasheet
23Kb / 2P
   Silicon epitaxial planer type variable resistor
logo
Toshiba Semiconductor
1SV153 TOSHIBA-1SV153 Datasheet
35Kb / 1P
   SILICON EPITAXIAL PLANAR TYPE VARIABLE CAPACITANCE DIODE
1S2236 TOSHIBA-1S2236 Datasheet
55Kb / 2P
   SILICON EPITAXIAL PLANAR TYPE VARIABLE CAPACITANCE DIODE
1SV161 TOSHIBA-1SV161 Datasheet
38Kb / 1P
   Silicon Epitaxial Planar Type Variable Capacitance Diode
1SV100 TOSHIBA-1SV100 Datasheet
116Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE VARIABLE CAPACITANCE DIODE
1SV281TPH3F TOSHIBA-1SV281TPH3F Datasheet
151Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV270 TOSHIBA-1SV270_14 Datasheet
308Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV285 TOSHIBA-1SV285_14 Datasheet
177Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com