Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA2C700 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA2C700
Description  Schottky Barrier Diodes (SBD)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2C700 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2C700 Datasheet HTML 1Page - Panasonic Semiconductor MA2C700 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Schottky Barrier Diodes (SBD)
MA2C700, MA2C700A
Silicon epitaxial planar type
For ordinary wave detection
For super high speed switching
I Features
• Low forward rise voltage (V
F) and satisfactory wave detection
efficiency (
η)
• Small temperature coefficient of forward characteristic
• Extremely low reverse current I
R
• DO-34(DHD) envelope, allowing to insert to a 5 mm pitch hole
I Absolute Maximum Ratings T
a
= 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage
MA2C700
VR
15
V
(DC)
MA2C700A
30
Peak reverse
MA2C700
VRM
15
V
voltage
MA2C700A
30
Peak forward current
IFM
150
mA
Forward current (DC)
IF
30
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
1 : Cathode
2 : Anode
JEDEC : DO-34
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
MA2C700
IR
VR = 15 V
100
nA
MA2C700A
VR = 30 V
150
Forward voltage (DC)
VF1
IF = 1 mA
0.4
V
VF2
IF = 30 mA
1
V
Terminal capacitance
Ct
VR = 1 V, f = 1 MHz
1.3
pF
Reverse recovery time*
trr
IF = IR = 10 mA
1
ns
Irr = 1 mA, RL = 100 Ω
Detection efficiency
η
Vin = 3 V(peak), f = 30 MHz
60
%
RL = 3.9 k
Ω, C
L = 10 pF
I Electrical Characteristics T
a = 25°C
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a
human body and the leakage of current from the operating equipment
2. Rated input/output frequency: 2 000 MHz
3. * : trr measuring instrument
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
I
R = 10 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 1 mA
t
r
t
p
t
rr
V
R
I
F
t
t
A
1st Band
2nd Band
φ 0.45 max.
φ 1.75 max.
COLORED BAND
INDICATES
CATHODE
2
1
Type No.
MA2C700 MA2C700A
Color
1st Band
Silver
Silver
2nd Band
Green
I Cathode Indication


Similar Part No. - MA2C700

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2C700 PANASONIC-MA2C700 Datasheet
80Kb / 3P
   Silicon epitaxial planar type
MA2C700A PANASONIC-MA2C700A Datasheet
80Kb / 3P
   Silicon epitaxial planar type
More results

Similar Description - MA2C700

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA10704 PANASONIC-MA10704 Datasheet
76Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2P701 PANASONIC-MA2P701 Datasheet
48Kb / 2P
   Schottky Barrier Diodes (SBD)
MA784 PANASONIC-MA784 Datasheet
73Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2YD15 PANASONIC-MA2YD15 Datasheet
64Kb / 3P
   Schottky Barrier Diodes (SBD)
MA704WA PANASONIC-MA704WA Datasheet
64Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2SE01 PANASONIC-MA2SE01 Datasheet
74Kb / 3P
   Schottky Barrier Diodes (SBD)
MA27784 PANASONIC-MA27784 Datasheet
84Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2D760 PANASONIC-MA2D760 Datasheet
37Kb / 2P
   Schottky Barrier Diodes (SBD)
MA3SE02 PANASONIC-MA3SE02 Datasheet
61Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2H736 PANASONIC-MA2H736 Datasheet
43Kb / 2P
   Schottky Barrier Diodes (SBD)
MA2Q705 PANASONIC-MA2Q705 Datasheet
44Kb / 2P
   Schottky Barrier Diodes (SBD)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com