Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP301ET Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP301ET
Description  RS-232/RS-422 Line Drivers/Receivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP301ET Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP301ET Datasheet HTML 4Page - Sipex Corporation SP301ET Datasheet HTML 5Page - Sipex Corporation SP301ET Datasheet HTML 6Page - Sipex Corporation SP301ET Datasheet HTML 7Page - Sipex Corporation SP301ET Datasheet HTML 8Page - Sipex Corporation SP301ET Datasheet HTML 9Page - Sipex Corporation SP301ET Datasheet HTML 10Page - Sipex Corporation SP301ET Datasheet HTML 11Page - Sipex Corporation SP301ET Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
58
FIGURE 4: SP302 CONTROL LOGIC CONFIGURATION
RIA1
SELECTION
SELECT A:
SELECT B:
NON–
LOOPBACK
(LB = 1)
LOOPBACK
(LB=0)
ROA1
RIB2
ROB1
RIB1
TOB1
TIB1
TOB2
TOA1
TIA1
RIA1
ROA1
TOA1
TIA1
RIA2
ROA1
RIA1
TOA1
TIA1
TOA2
RIA2
ROA1
RIA1
TOA1
TIA1
TOA2
RIB2
ROB1
RIB1
TOB1
TIB1
TOB2
RIB2
ROB1
RIB1
TOB*1
TIB1
TOB*2
RIA2
ROA1
RIA1
TOA*1
TIA1
TOA*2
LOGIC VALUE
1
1
LOGIC VALUE
1
0
LOGIC VALUE
0
1
LOGIC VALUE
0
0
RS-232 DRIVER
* Tri–state Output
RS-232 RECEIVER
RS-422 RECEIVER
RS-422 DRIVER
RIA2
ROA2
RIA2
ROA2
TOA2
TIA2
TOA2
TIA2
RIB1
ROB1
TOB1
TIB1
RIB2
ROB2
TOB2
TIB2
RIA1
ROA1
TOA*1
TIA1
RIA2
ROA2
TOA*2
TIA2
RIB1
ROB1
TOB1
TIB1
RIB2
ROB2
TOB2
TIB2
RIA1
ROA1
TOA*1
TIA1
RIA2
ROA2
TOA*2
TIA2
RIB1
ROB1
TOB1
TIB1
RIB2
ROB2
TOB2
TIB2
RIB1
ROB1
TOB1
TIB1
RIB2
ROB2
TOB2
TIB2
RIA2
ROA1
RIA1
TOA*1
TIA1
TOA*2
RIB2
ROB1
RIB1
TOB*1
TIB1
TOB*2


Similar Part No. - SP301ET

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SP301 BURR-BROWN-SP301 Datasheet
199Kb / 16P
   12-Bit, 12MHz CCD/CIS SIGNAL PROCESSOR
logo
Littelfuse
SP3010 LITTELFUSE-SP3010 Datasheet
267Kb / 5P
   Ultra-Low Capacitance Diode Array for ESD Protection
SP3010 LITTELFUSE-SP3010 Datasheet
285Kb / 4P
   SP3010 Series 0.45pF Rail Clamp Array
SP3010-04UTG LITTELFUSE-SP3010-04UTG Datasheet
267Kb / 5P
   Ultra-Low Capacitance Diode Array for ESD Protection
logo
SeCoS Halbleitertechnol...
SP30100R SECOS-SP30100R Datasheet
287Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
More results

Similar Description - SP301ET

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP304 SIPEX-SP304 Datasheet
143Kb / 12P
   RS-232/RS-422 Line Drivers/Receivers
SP306 SIPEX-SP306 Datasheet
74Kb / 6P
   RS-422/RS-423 Line Drivers/Receivers
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM207E AD-ADM207E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM208E AD-ADM208E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
logo
Exar Corporation
SP232A EXAR-SP232A Datasheet
857Kb / 10P
   Enhanced RS-232 Line Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com