Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCA-35LH+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # MCA-35LH+
Description  Frequency Mixer WIDE BAND
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MCA-35LH+ Datasheet(HTML) 1 Page - Mini-Circuits

  MCA-35LH+ Datasheet HTML 1Page - Mini-Circuits MCA-35LH+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Level 10 (LO Power+10 dBm) 500 to 3500 MHz
Frequency Mixer WIDE BAND
Ceramic
CASE STYLE: DZ883
PRICE: $7.95 ea. QTY.(10-49)
Demo Board MCL P/N: TB-144
Suggested PCB Layout (PL-045)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Features
• cellular
• PCN
• PDC
• DECT
• PHS
LO
10
RF
5
IF
3
GROUND
1,2,4,6,7,8,9
Applications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
50 mW
IF Current
40 mA
Outline Drawing
Electrical Specifications (TAMB=-55°C to 100°C)
REV. E
M98898
ED-9595A/1
MCA-35LH
DJ/TD/CP
060322
Page 1 of 2
LO
IF
RF
A
BC
D
E
F
G
.30
.250
.190
.274
.050
.050
.012
7.62
6.35
4.83
6.96
1.27
1.27
0.30
HJ
K
L
M
wt
.057
.004
.085
.296
.030
grams
1.45
0.10
2.16
7.52
0.76
0.5
Electrical Schematic
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
MCA-35LH
MCA-35LH+
• wide bandwidth, 500 to 3500 MHz
• excellent isolation, 30 dB typ. (1800-2500 MHz)
• good matching 2:1 VSWR typ. (over 1800-2800 MHz)
• small size 0.25”x0.3”x0.2”
• aqueous washable
• triple balanced mixer
• protected by US Patent 6,917,796
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
f
L-fU
IF
X
σ
Max.
Typ.
Min.
Typ.
Min.
Typ.
500-3500
10-1500
6.9
0.1
8.9
q
q
500-800
10-300
6.3
0.1
7.7
18
11
32
25
16
800-1000
10-200
7.1
0.1
8.6
24
17
30
23
16
1000-1800
10-800
7.3
0.1
8.9
29
20
28
20
16
1800-2000
10-200
6.3
0.1
8.2
32
25
30
23
16
1800-2500
10-700
5.8
0.1
8.2
32
22
30
21
16
2000-3500
10-1500
6.5
0.1
8.7
29
17
26
15
16
1 dB COMPR. +6 dBm typ.
q
see individual band specs
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR RF
Port
(:1)
VSWR LO
Port
(:1)
RF
LO
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
Typical Performance Data
500.00
530.00
6.10
16.44
16.44
1.53
1.46
600.00
630.00
6.10
17.92
17.92
1.83
1.23
700.00
730.00
6.04
20.26
20.26
2.24
1.16
800.00
830.00
6.58
23.10
23.10
2.77
1.17
1000.00
1030.00
7.04
28.73
28.73
3.23
1.30
1300.00
1330.00
7.00
31.09
31.09
2.56
1.49
1500.00
1530.00
7.71
28.68
28.68
1.99
1.65
1600.00
1630.00
7.50
28.46
28.46
2.11
1.66
1700.00
1730.00
6.81
30.31
30.31
2.04
1.57
1800.00
1830.00
6.41
31.73
31.73
1.95
1.58
2000.00
2030.00
6.20
32.70
32.70
1.69
1.64
2300.00
2330.00
6.19
31.39
31.39
1.61
1.61
2500.00
2530.00
6.34
30.15
30.15
2.25
1.78
2700.00
2730.00
6.73
30.75
30.75
3.06
1.72
2900.00
2930.00
7.09
31.56
31.56
3.22
1.79
3000.00
3030.00
7.12
30.82
30.82
3.34
1.75
3100.00
3130.00
7.32
31.63
31.63
3.34
1.63
3300.00
3330.00
7.18
31.03
31.03
3.19
1.43
3400.00
3430.00
6.86
29.04
29.04
3.05
1.45
3500.00
3530.00
6.75
26.75
26.75
2.75
1.42


Similar Part No. - MCA-35LH+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MCA-35LH++ MINI-MCA-35LH+ Datasheet
247Kb / 1P
   FREQUENCY MIXERS
More results

Similar Description - MCA-35LH+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SIM-63LH MINI-SIM-63LH Datasheet
434Kb / 2P
   Frequency Mixer wide band
SIM-43MH MINI-SIM-43MH Datasheet
348Kb / 2P
   Frequency Mixer wide band
ZX05-14H MINI-ZX05-14H Datasheet
312Kb / 2P
   Frequency Mixer wide band
ZX05-762H MINI-ZX05-762H Datasheet
300Kb / 2P
   Frequency Mixer wide band
MCA1-80MH MINI-MCA1-80MH Datasheet
143Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-60MH MINI-MCA1-60MH Datasheet
176Kb / 2P
   Frequency Mixer WIDE BAND
SIM-722MH MINI-SIM-722MH Datasheet
349Kb / 2P
   Frequency Mixer wide band
SIM-792LH MINI-SIM-792LH Datasheet
354Kb / 2P
   Frequency Mixer wide band
SIM-24MH MINI-SIM-24MH Datasheet
371Kb / 2P
   Frequency Mixer wide band
SIM-153MH MINI-SIM-153MH Datasheet
389Kb / 2P
   Frequency Mixer wide band
ZX05-14 MINI-ZX05-14 Datasheet
276Kb / 2P
   Frequency Mixer wide band
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com