Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4T631033 Datasheet(PDF) 7 Page - M-pulse Microwave Inc.

Part # MP4T631033
Description  3 Volt, Low Noise High fT Silicon Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T631033 Datasheet(HTML) 7 Page - M-pulse Microwave Inc.

  MP4T631033 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T631033 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T631033 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T631033 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T631033 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T631033 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T631033 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T631033 Datasheet HTML 8Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3 Volt, Low Noise High fT Silicon Transistor
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
7
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T6310 Series
Case Styles (Con’t)
Micro-X - MP4T631035
Collector
Emitter
B
E
F
4 PLCS.
C
G
Base
H
Emitter
D
A
SOT-143 - MP4T631039
G
J
E
K
A
H
M
C
F
B
L
P
N
C ollector E m itter
Em itter
Base
D
MP4T631035
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.092
0.108
2.34
2.74
B
0.079
0.087
2.01
2.21
C
0.070
1.78
D
0.019
0.025
0.48
0.64
E
0.018
0.022
0.046
0.56
F
0.150
3.81
G
0.003
0.006
0.08
0.15
H
45
°
45
°
MP4T631039
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.044
1.10
B
0.044
1.10
C
0.040
1.00
D
0.030
0.035
0.75
0.90
E
0.013
0.020
0.35
0.50
F
0.003
0.006
0.08
0.15
G
0.110
0.119
2.80
3.00
H
0.047
0.056
1.20
1.40
J
0.075 typical
1.90 typical
K
0.075 typical
1.90 typical
L
0.103
2.6
M
0.024
0.6
DIM.
GRADIENT
N
10
° max.
1
P
2
° . . . 30°
NOTE:
1. Applicable on all sides


Similar Part No. - MP4T631033

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T6325 MPLUSE-MP4T6325 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T632500 MPLUSE-MP4T632500 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T632533 MPLUSE-MP4T632533 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T632535 MPLUSE-MP4T632535 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T632539 MPLUSE-MP4T632539 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
More results

Similar Description - MP4T631033

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T6325 MPLUSE-MP4T6325 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T6825 MPLUSE-MP4T6825 Datasheet
199Kb / 10P
   Low Current 8 Volt, Low Noise High fT Silicon Transistor
MP4T243 MPLUSE-MP4T243 Datasheet
88Kb / 7P
   Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
logo
AVAGO TECHNOLOGIES LIMI...
MGA-85563 AVAGO-MGA-85563 Datasheet
206Kb / 13P
   3-volt Low Noise Amplifier
logo
M-pulse Microwave Inc.
MP4T645 MPLUSE-MP4T645 Datasheet
106Kb / 8P
   Silicon Bipolar High fT Low Noise Microwave Transistors
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
   NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
   LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Central Semiconductor C...
CMPT2484 CENTRAL-CMPT2484 Datasheet
77Kb / 2P
   NPN SILICON LOW NOISE TRANSISTOR
logo
Leshan Radio Company
MMBT5087LT1 LRC-MMBT5087LT1 Datasheet
165Kb / 6P
   Low Noise Transistor(PNP Silicon)
logo
Motorola, Inc
MBC13900 MOTOROLA-MBC13900 Datasheet
813Kb / 26P
   NPN Silicon Low Noise Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com