Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4T636539 Datasheet(PDF) 2 Page - M-pulse Microwave Inc.

Part # MP4T636539
Description  Low OperatingVoltage, High fT Bipolar Microwave Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T636539 Datasheet(HTML) 2 Page - M-pulse Microwave Inc.

  MP4T636539 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T636539 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T636539 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T636539 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T636539 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T636539 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T636539 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T636539 Datasheet HTML 8Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low Operating Voltage, High fT Bipolar Microwave Transistors
MP4T6365 Series
V2.00
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
2
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
Maximum Ratings (TA = 25°C)
MP4T6365 Series
Collector-Base Voltage
VCBO
10 V
Collector-Emitter Voltage
VCE
6 V
Emitter-Base Voltage
VEB
1.5 V
Collector Current
IC
65 mA
Junction Operating Temperature
Tj
200
°C
Storage Temperature
Chip or Ceramic Packages
TS
-65
°C to +200°C
Plastic Packages
-65
°C to +125°C
Power Dissipation
Package Type
Maximum Dissipation
Maximum Operating
@ 25
°C
Temperature
Chip (MP4T636500)
400 mW
175
°C
SOT-23 (MP4T636533)
200 mW
125
°C
Micro-X Package (MP4T636535)
300 mW
150
°C
SOT-143 (MP4T636539)
225 mW
125
°C
Electrical Specifications @ 25
°C
MP4T6365 Series
Parameter of Test
Condition
Symbol
Units
MP4T636500
Chip
MP4T636535
Micro-X
MP4T636539
SOT-143
MP4T636533
SOT-23
Gain Bandwidth Product
VCE = 3 V
fT
GHz
10 typ
10 typ
10 typ
10 typ
IC = 20 mA
Insertion Power Gain
VCE = 3 V
|S21E|
2
dB
IC = 10 mA
f = 1 GHz
14 typ
13 typ
13 typ
13 typ
f = 2 GHz
7.0 min
7.0 min
7.0 min
7.0 min
Noise Figure
VCE = 3 V
NF
dB
IC = 5 mA
f = 1 GHz
1.3 typ
1.3 typ
1.4 typ
1.4 typ
f = 2 GHz
1.6 typ
1.6 typ
1.7 typ
1.7 typ
Unilateral Gain
VCE = 3 V
GTU (max)
dB
IC = 5 mA
f = 1 GHz
15 typ
15 typ
14 typ
14 typ
f = 2 GHz
10 typ
10 typ
9 typ
9 typ
Maximum Available Gain
VCE = 3 V
MAG
dB
IC = 20 mA
f = 1 GHz
16 typ
16 typ
16 typ
16 typ
f = 2 GHz
12 typ
11 typ
10 typ
10 typ
Output Power at 1 dB
VCE = 3 V
P1dB
dBm
Compression
IC = 20 mA
f = 2 GHz
16 typ
17 typ
16 typ
16 typ
f = 4 GHz
12 typ
13 typ
12 typ
12 typ


Similar Part No. - MP4T636539

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T6310 MPLUSE-MP4T6310 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T631000 MPLUSE-MP4T631000 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T631033 MPLUSE-MP4T631033 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T631035 MPLUSE-MP4T631035 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T631039 MPLUSE-MP4T631039 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
More results

Similar Description - MP4T636539

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MPSIG001 MPLUSE-MPSIG001 Datasheet
136Kb / 4P
   Low OperatingVoltage, High fT SiGe Microwave Transistors
MP4T645 MPLUSE-MP4T645 Datasheet
106Kb / 8P
   Silicon Bipolar High fT Low Noise Microwave Transistors
MP42001 MPLUSE-MP42001 Datasheet
131Kb / 7P
   Silicon Bipolar Low Noise Microwave Transistors
2N2857 MPLUSE-2N2857 Datasheet
127Kb / 4P
   Silicon Bipolar Low Noise microwave Transistors
MP42141 MPLUSE-MP42141 Datasheet
128Kb / 5P
   Silicon Bipolar Low Noise Microwave Transistors
MP4T3243 MPLUSE-MP4T3243 Datasheet
87Kb / 7P
   Bipolar High fT Low Voltage NPN Silicon Transistors
MP4T243 MPLUSE-MP4T243 Datasheet
88Kb / 7P
   Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
logo
List of Unclassifed Man...
2015M ETC-2015M Datasheet
174Kb / 3P
   MICROWAVE BIPOLAR
672-3866A ETC-672-3866A Datasheet
363Kb / 5P
   RF & MICROWAVE TRANSISTORS LOW POWER TRANSISTORS
3001 ETC-3001 Datasheet
178Kb / 4P
   MICROWAVE CW BIPOLAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com