Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR10 Datasheet(PDF) 2 Page - First Components International

Part # FR10
Description  1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FR10 Datasheet(HTML) 2 Page - First Components International

  FR10 Datasheet HTML 1Page - First Components International FR10 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
1.0 Amp FAST RECOVERY
PLASTIC RECTIFIERS
Page 4-7
NOTES: 1. Measured @ 1 MHz and applied reverse voltage of 4.0V.
2. Thermal Resistance Junction to Ambient, Jedec Method.
Ratingsat
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 Hz
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Forward Current Derating Curve
1.5
1.0
.5
025
50
75 100
150
125
175
Ambient Temperature (°°°°°C)
Reverse Recovery Characteristics
Typical Instantaneous Forward Characteristics
Non-Repetitive
Peak Forward Surge Current
Number of Cycles @ 60 Hz
Forward Voltage (V)
Typical Junction Capacitance
Reverse Voltage (V)
100
50
10
.1
1
1
10
100
T
J = 25°C
10
1
.1
.01
.6
.8
1.0
1.2
1.4
Non-Inductive
1 Ω
Non-
Inductive
D.U.T
10Ω
Oscilliscope
Note 1
Pulse
Generator
Note 2
(-)
(+)
50Ω
(-)
(+)
25 VDC
Notes: 1. Rise Time = 7 ns Max.
Impedance = 1 megohm, 22 pF
2. Rise Time = 10 ns Max.
Source Impedance = 50 Ohms
Time Base Set @ 50/100ns/cm
+.5A
0A
-.25A
-1.0A
1 cm
t
RR
100
10
1
1
10
100
1000
T
J = 25°C


Similar Part No. - FR10

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR10-005 FORMOSA-FR10-005 Datasheet
62Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
FR10-005 FRONTIER-FR10-005 Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
FR10-005-LFR FRONTIER-FR10-005-LFR Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
FR10-005G FRONTIER-FR10-005G Datasheet
127Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR10-005G-LFR FRONTIER-FR10-005G-LFR Datasheet
126Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR10

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N4933 FCI-1N4933 Datasheet
113Kb / 2P
   1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
FR10G FCI-FR10G Datasheet
416Kb / 2P
   1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
BA157 FCI-BA157 Datasheet
128Kb / 2P
   1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
DIYI Electronic Technol...
1F1 DYELEC-1F1 Datasheet
522Kb / 2P
   1.0 AMP. Fast Plastic silicon Recovery Rectifiers
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
FR101 BYTES-FR101 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
RL101F BYTES-RL101F Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1 TSC-F1T1_10 Datasheet
526Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
F1T1 TSC-F1T1_1 Datasheet
247Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
FR101 TSC-FR101_1 Datasheet
262Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com