Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR10A07 Datasheet(PDF) 1 Page - First Components International

Part # FR10A07
Description  10 Amp MINIATURE PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FR10A07 Datasheet(HTML) 1 Page - First Components International

  FR10A07 Datasheet HTML 1Page - First Components International FR10A07 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
n DIFFUSED JUNCTION
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
FR10A01 . . . 07 Series
Data Sheet
10 Amp MINIATURE
PLASTIC SILICON RECTIFIERS
Units
Volts
Volts
Volts
............................................. 10 ...............................................
............................................. 600 ...............................................
........................................ -65 to 175 .........................................
............................................. 1.0 ...............................................
............................................. 10 ...............................................
............................................. 100 ...............................................
............................................. 25 ...............................................
............................................. 100 ...............................................
............................................. 10 ...............................................
Amps
Amps
°C
Volts
µAmps
µAmps
µAmps
pF
°C / W
FR10A01 FR10A02 FR10A03 FR10A04 FR10A05 FR10A06 FR10A07
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
n LOW COST
n LOW LEAKAGE
Page 9-18
Average Forward Rectified Current...I
F(av)
T
A = 60°C (Note 3)
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage @ 10A...V
F
Maximum DC Reverse Current...I
R
25°C
@ Rated DC Blocking Voltage
100°C
Maximum Full Load Reverse Current...I
R
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJA (Note 2)
.340
.360
1.00 Min.
.050 typ.
.340
.360
JEDEC
R6
Electrical Characteristics


Similar Part No. - FR10A07

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR10A MCC-FR10A Datasheet
621Kb / 3P
   10 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR10A MCC-FR10A Datasheet
247Kb / 4P
   10 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
FR10A SUNMATE-FR10A Datasheet
421Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Thinki Semiconductor Co...
FR10A THINKISEMI-FR10A Datasheet
566Kb / 2P
   10.0 Ampere Surface Mount Round Lead Fast Recovery Rectifier Diodes
FR10A THINKISEMI-FR10A Datasheet
621Kb / 2P
   10.0 Ampere Surface Mount Round Lead Fast Recovery Rectifier Diodes
More results

Similar Description - FR10A07

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
RL251 FCI-RL251 Datasheet
148Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N5391 FCI-1N5391 Datasheet
144Kb / 2P
   1.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
FR6A01 FCI-FR6A01 Datasheet
131Kb / 2P
   6.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
F1A1 FCI-F1A1_1 Datasheet
126Kb / 2P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N4001 FCI-1N4001 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N5400 FCI-1N5400 Datasheet
149Kb / 2P
   3.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
RL251S FCI-RL251S Datasheet
146Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
BY251 FCI-BY251_1 Datasheet
122Kb / 2P
   3.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N4001 FCI-1N4001_1 Datasheet
132Kb / 2P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
BY251 FCI-BY251 Datasheet
141Kb / 2P
   3.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com