Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR2504 Datasheet(PDF) 2 Page - First Components International

Part # FR2504
Description  25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FR2504 Datasheet(HTML) 2 Page - First Components International

  FR2504 Datasheet HTML 1Page - First Components International FR2504 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
25 Amp PLASTIC SILICON
AUTOMOTIVERECTIFIERS
Page 2-5
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V.
2. Thermal Resistance Junction to Ambient, Jedec Method.
3. When Mounted to heat sink, from body.
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Forward Current Derating Curve
60
40
20
025 50 75 100
150
125
175
Lead Temperature (°°°°°C)
Single Phase ½ Wave
Res. or Ind. Load
Capacitive Load
I
PK/AV = 5, 10 & 20
50
30
10
20
10
5
Typical Reverse Characteristics
T
J = 100°
°°°°C
T
J = 25°
°°°°C
10
80
40
120
1
.1
.01
.001
T
J = 25°
°°°°C
T
J = 150°
°°°°C
Non-Repetitive
Peak Forward Surge Current
1000
500
200
100
50
10
.1
1
10
100
Percent of
Rated Peak
Voltage
T
J = 150°
°°°°C PW = 300 uS
Typical Instantaneous Forward Characteristics
1000
100
10
1
.1
.6 .9 1.1 1.4
2.6
2.3
2.0
Volts
Typical Junction Capacitance
1000
500
200
100
50
10
.1
1
10
100
Reverse Voltage (Volts)
T
J = 25°
°°°°C
F = 1 MHZ
V
SIG = 50 Vpp
Number of Cycles @ 60 HZ
1.7


Similar Part No. - FR2504

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR2504 PANJIT-FR2504 Datasheet
121Kb / 3P
   25A / 400V FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR2504 MCC-FR2504 Datasheet
197Kb / 3P
   25 Amp Fast Recovery Rectifier
logo
First Components Intern...
FR2504 FCI-FR2504 Datasheet
150Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
Pan Jit International I...
FR2504B PANJIT-FR2504B Datasheet
121Kb / 3P
   25A / 400V FAST RECOVERY RECTIFIER
FR2504DY PANJIT-FR2504DY Datasheet
151Kb / 3P
   25A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FR2504

ManufacturerPart #DatasheetDescription
logo
FCI connector
FR2501 FCI-CONNECTOR-FR2501 Datasheet
150Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
FR2501 FCI-FR2501_1 Datasheet
150Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
VFR2501 FCI-VFR2501 Datasheet
141Kb / 2P
   25 Amp PLASTIC FAST RECOVERY SILICON AUTOMOTIVE RECTIFIERS Mechanical Dimensions
FR5001 FCI-FR5001 Datasheet
139Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
FCI connector
FR3501 FCI-CONNECTOR-FR3501 Datasheet
151Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
FR3501 FCI-FR3501_1 Datasheet
151Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
FR5001 FCI-FR5001_1 Datasheet
132Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
FR3501 FCI-FR3501 Datasheet
140Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
FR7001 FCI-FR7001 Datasheet
140Kb / 2P
   70 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
FCI connector
FR5001 FCI-CONNECTOR-FR5001 Datasheet
132Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com