Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR5002 Datasheet(PDF) 1 Page - First Components International

Part # FR5002
Description  50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FR5002 Datasheet(HTML) 1 Page - First Components International

  FR5002 Datasheet HTML 1Page - First Components International FR5002 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR2500
.395
Description
Features
n LOW COST
n HIGH SURGE CAPABILITY
n DIFFUSED JUNCTION
Mechanical Dimensions
n LOW LEAKAGE CURRENT
n HIGH TEMPERATURE CAPABILITY
n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
FR5001 . . . 5004 Series
Average Forward Rectified Current...I
F(av)
Single Phase Resistive Load, 60 HZ, T
C = 150°C
Non-Repetitive Peak Forward Surge Current...I
FSM
Surge Supplied @ Rated Load Conditions,
½ Sine Wave, Single Phase, 60 HZ
Forward Voltage @ 80A...V
F (Note 4)
DC Reverse Current...I
R
@ Rated DC Blocking Voltage, 150°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJC (Note 2)
Typical Reverse Recovery Time...t
RR
Operating & Storage Temperature Range...T
J, TSTRG
Page 2-14
Data Sheet
50 Amp PLASTIC SILICON
AUTOMOTIVERECTIFIERS
Units
FR5001
FR5002
FR5003
FR5004
100
200
300
400
70
140
210
280
100
200
300
400
Volts
Volts
Volts
............................................. 50 ...............................................
............................................. 600 ...............................................
............................................. 1.06 ...............................................
............................................. 2.0 ...............................................
............................................. 500 ...............................................
............................................. 300 ...............................................
............................................. 0.8 ...............................................
............................................. 3.0 ...............................................
......................................... -50 to 175 ...........................................
Amps
Amps
Volts
µAmps
µAmps
pF
°C / W
µS
°C
FR2500S
.337
.276
.242
.175 Leads 1.00 typ. .05 Dia.
.395


Similar Part No. - FR5002

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR5002 FCI-FR5002 Datasheet
132Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
More results

Similar Description - FR5002

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR5001 FCI-FR5001_1 Datasheet
132Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
FCI connector
FR5001 FCI-CONNECTOR-FR5001 Datasheet
132Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
FR2501 FCI-FR2501 Datasheet
140Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
FCI connector
FR3501 FCI-CONNECTOR-FR3501 Datasheet
151Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
FR2501 FCI-CONNECTOR-FR2501 Datasheet
150Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
FR2501 FCI-FR2501_1 Datasheet
150Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
FR3501 FCI-FR3501_1 Datasheet
151Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
FR3501 FCI-FR3501 Datasheet
140Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
FR7001 FCI-FR7001 Datasheet
140Kb / 2P
   70 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
DIYI Electronic Technol...
6A05 DYELEC-6A05 Datasheet
486Kb / 2P
   6.0 AMP. Silicon Rectifiers Plastic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com