Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4TD0936 Datasheet(PDF) 3 Page - M-pulse Microwave Inc.

Part # MP4TD0936
Description  Silicon Bipolar MMIC Cascadable Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4TD0936 Datasheet(HTML) 3 Page - M-pulse Microwave Inc.

  MP4TD0936 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4TD0936 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4TD0936 Datasheet HTML 3Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0935, MP4TD0936
Specification Subject to Change Without Notice
M-Pulse Microwave
__________________________________________________________________________________
3
PH (408) 432-1480
FX (408) 432-3440
NOISE FIGURE vs FREQUENCY
5
5.5
6
6.5
7
0.1
1
10
F RE Q UE NCY (G H z)
Id = 2 5 m A
Id =35m A
Id =45m A
REVERSE ISOLATION vs FREQUENCY
-1 5
-1 4
-1 3
-1 2
-1 1
-1 0
-9
-8
-7
0.1
1
10
F RE Q UE NCY (G H z)
Typical Scattering Parameters
Z0 = 50Ω, TA = +25°C, Id = 35 mA
Frequency
S11
S21
S12
S22
(GHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
0.1
0.164
-166.6
2.38
163.7
0.214
5.4
0.186
-158.0
0.2
0.162
-169.8
2.37
162.8
0.214
5.4
0.187
-159.4
0.4
0.158
-176.5
2.35
160.2
0.215
5.8
0.189
-162.3
0.6
0.153
175.9
2.33
156.7
0.216
6.5
0.194
-165.6
0.8
0.148
167.9
2.31
152.2
0.218
7.3
0.201
-169.4
1.0
0.144
162.1
2.30
146.7
0.220
8.7
0.213
-171.1
1.5
0.131
151.8
2.28
132.1
0.227
12.0
0.246
-176.1
2.0
0.116
147.0
2.27
117.4
0.236
15.0
0.280
175.4
2.5
0.104
149.7
2.24
102.2
0.248
17.2
0.304
165.5
3.0
0.106
157.1
2.17
87.2
0.259
18.6
0.313
155.3
3.5
0.127
162.0
2.06
73.2
0.269
19.2
0.315
147.3
4.0
0.164
161.4
1.93
60.6
0.276
18.6
0.308
142.6
4.5
0.212
154.1
1.78
49.4
0.280
19.4
0.313
140.2
5.0
0.266
144.6
1.64
39.1
0.281
19.7
0.323
139.7
6.0
0.365
123.0
1.35
23.7
0.275
21.5
0.381
138.6
Ordering Information
Long Lead Model No.
Short Lead Model No.
Package
MP4TD0935
MP4TD0936
Ceramic
MP4TD0935T
MP4TD0936T
Tape and Reel
Mico-X Case Styles
(Long Lead)
(Short Lead)


Similar Part No. - MP4TD0936

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4TD0900 MPLUSE-MP4TD0900 Datasheet
139Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0900G MPLUSE-MP4TD0900G Datasheet
139Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0900W MPLUSE-MP4TD0900W Datasheet
139Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0910 MPLUSE-MP4TD0910 Datasheet
50Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0910T MPLUSE-MP4TD0910T Datasheet
50Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
More results

Similar Description - MP4TD0936

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0711 HP-MSA-0711 Datasheet
49Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1104 HP-MSA-1104 Datasheet
44Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1120 HP-MSA-1120 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com