Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA2H735 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA2H735
Description  Schottky Barrier Diodes (SBD)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2H735 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA2H735 Datasheet HTML 1Page - Panasonic Semiconductor MA2H735 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Schottky Barrier Diodes (SBD)
2
MA2H735
IF  VF
Ct  VR
IR  VR
10−5
0
0.1
0.2
0.3
0.4
0.5
0.6
10−4
10−3
10−2
10−1
1
Forward voltage V
F
(V)
Ta
= 125°C
75
°C
25
°C
− 20°C
10−4
0
5
10
15
20
25
30
10−3
10−2
10−1
1
10
Reverse voltage V
R
(V)
Ta
= 125°C
75
°C
25
°C
0
50
100
150
200
250
300
0
5
10
15
20
25
30
Reverse voltage V
R
(V)
Ta
= 25°C


Similar Part No. - MA2H735

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2H736 PANASONIC-MA2H736 Datasheet
43Kb / 2P
   Schottky Barrier Diodes (SBD)
More results

Similar Description - MA2H735

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA10704 PANASONIC-MA10704 Datasheet
76Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2P701 PANASONIC-MA2P701 Datasheet
48Kb / 2P
   Schottky Barrier Diodes (SBD)
MA784 PANASONIC-MA784 Datasheet
73Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2YD15 PANASONIC-MA2YD15 Datasheet
64Kb / 3P
   Schottky Barrier Diodes (SBD)
MA704WA PANASONIC-MA704WA Datasheet
64Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2SE01 PANASONIC-MA2SE01 Datasheet
74Kb / 3P
   Schottky Barrier Diodes (SBD)
MA27784 PANASONIC-MA27784 Datasheet
84Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2D760 PANASONIC-MA2D760 Datasheet
37Kb / 2P
   Schottky Barrier Diodes (SBD)
MA3SE02 PANASONIC-MA3SE02 Datasheet
61Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2H736 PANASONIC-MA2H736 Datasheet
43Kb / 2P
   Schottky Barrier Diodes (SBD)
MA2Q705 PANASONIC-MA2Q705 Datasheet
44Kb / 2P
   Schottky Barrier Diodes (SBD)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com