Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP705D Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP705D
Description  NPN Pho to tran sistor with Base-Emit ter Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP705D Datasheet(HTML) 2 Page - OPTEK Technologies

  OP705D Datasheet HTML 1Page - OPTEK Technologies OP705D Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Types OP705A, OP705B, OP705C, OP705D
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITIONS
IC(ON)
On-State Collector Current
OP705A
OP705B
OP705C
OP705D
3.95
2.65
1.50
1.50
12.0
7.25
4.85
12.0
mA
VCE = 5 V, Ee = .50 mW/cm
2(3)
EKP
Knee Point Irradiance
.02
mW/cm
2 VCE = 5 V(4)
ICEO
Collector-Emitter Dark Current
100
nA
VCE = 10 V, Ee = 0
IECO
Emitter-Reverse Current
100
µA
VEC = 0.4 V
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
V
IC = 100
µA
VCE(SAT)
Collector-Emitter Saturation Voltage
0.4
V
IC = 250
µA, Ee = .50 mW/cm2(3)
Typical Performance Curves
6
On-State Collector Current
vs. Irradiance
Normalized Collector Current
vs. Angular Displacement
• - Angular Displacement - Deg.
ÑÐëðë
Normalized Light and Dark
Current vs. Ambient Temperature
Ìß ó ß³¾·»²¬ Ì»³°»®¿¬«®» ó ••Ý
Ü¿®µ Ý«®®»²¬
ÑÐéðë
Normalized Output
vs. Frequency
Frequency - KHz
Typical Rise and Fall Time
vs. Load Resistance
ÎÔ ó Ô±¿¼ λ-·-¬¿²½» ó Õ•
Switching Time
Test Circuit
Ì»-¬ ݱ²¼·¬·±²-æ
Ô·¹¸¬ -±«®½» ·- °«´-»¼ ÔÛÜ ©·¬¸ô ¬® ¿²¼
¬º • ëðð ²-ò
×Ú ·- ¿¼¶«-¬»¼ º±® ÊÑËÌ ã ï ʱ´¬ò
Ô·¹¸¬ Ý«®®»²¬
ÊÝÛ ã ë Ê
ÔÛÜæ • ã çíë ²³
ïòð
ðòë
ðòð
ï
ïð
ïðð
ïððð
î
ì
ê
è
ïð
íð
ïë
ð
ìë
ïîð
ïðë
çð
éë
êð
ïðð
ïð
ï
òï
òðï
òððï
òðððï
òï
òðï
ï
Ee - Irradiance - mW/cm2
òððððï
òððï
ÎÔ ã ïÕ•
ÎÔ ã ïðÕ•
VCC = 5 V
VRL = 1 V
f = 100 Hz
PW = 1 mS
LED = GaAIAS,
• = 890 nm
VRL is voltage across RL
ð
VRL = 1 V
VCE = 5 V
50% Duty Cycle
LED:
• = 935 nm


Similar Part No. - OP705D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP705A TTELEC-OP705A Datasheet
1Mb / 10P
   NPN Silicon Phototransistor
More results

Similar Description - OP705D

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP793 OPTEK-OP793 Datasheet
258Kb / 3P
   NPN Pho to tran sis tor with Base- Emitter Resistor
logo
TECH PUBLIC Electronics...
MMBT3904M TECHPUBLIC-MMBT3904M Datasheet
1Mb / 4P
   TRAN (NPN) SISTOR (NPN)
logo
OPTEK Technologies
OP750A OPTEK-OP750A Datasheet
438Kb / 2P
   NPN Pho totransistor with Base- Emitter Resistor
logo
Infineon Technologies A...
BSP316P INFINEON-BSP316P_16 Datasheet
407Kb / 9P
   SIPMOS Small-Signal-Tran sistor
Rev. 2.0 2016-05-30
logo
OPTEK Technologies
OP755A OPTEK-OP755A Datasheet
305Kb / 2P
   NPN Photo transistor with Base-Emitter Resistor
OP770A OPTEK-OP770A Datasheet
102Kb / 2P
   NPN Pho totransistor with Collector- Emitter Capacitor
logo
Diodes Incorporated
DDC144TU DIODES-DDC144TU Datasheet
237Kb / 6P
   DUAL NPN TRANSISTORS WITH 47K OHM BASE RESISTOR
DS30767 Rev. 6 - 2
logo
Rohm
DTC143EEFRA ROHM-DTC143EEFRA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Tran
logo
General Semiconductor
2N6576 GE-2N6576 Datasheet
209Kb / 5P
   15 AMPERE NPN DARLINGTON POWER TRAN
logo
NEC
NESG2101M16 NEC-NESG2101M16 Datasheet
83Kb / 2P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com