Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPZ30A Datasheet(PDF) 1 Page - First Components International

Part # GPZ30A
Description  3.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

GPZ30A Datasheet(HTML) 1 Page - First Components International

  GPZ30A Datasheet HTML 1Page - First Components International GPZ30A Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
GPZ30A . . . 30M Series
Average Forward Rectified Current...I
F(av)
Current 3/8" Lead Length @ T
A = 55°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3mS, ½ Sine Wave Superimposed on Rated Load
Forward Voltage @ 3.0A...V
F
Full Load Reverse Current...I
R(av)
Full Cycle Average @ T
A = 55°C
DC Reverse Current...I
R(max)
@ Rated DC Blocking Voltage
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJA (Note 2)
Typical Reverse Recovery Time...t
RR (Note 3)
Operating & Storage Temperature Range...T
J, TSTRG
Preliminary Data Sheet
3.0 Amp Glass Passivated
Sintered Rectifiers
............................................. 3.0 ...............................................
............................................. 125 ...............................................
Volts
Volts
Volts
Units
Amps
Amps
Volts
µAmps
............................................. 100 ...............................................
µAmps
pF
°C/W
µS
°C
............................................. 5.0 ...............................................
............................................. 200 ...............................................
............................................. 4 0 ...............................................
............................................. 1 5 ...............................................
............................................. 2.0 ...............................................
......................................... -65 to 175 ..........................................
< ...... 1.1 ...... > < ............................. 1.0 ........................... >
30A
30B
30D
30G
30J
30K
30M
5 0
100
200
400
600
800
1000
3 5
7 0
140
280
420
560
700
5 0
100
200
400
600
800
1000
T
A =25°C
T
A = 150°C
.285
.375
1.00 Min.
.050 typ.
.190
.210
JEDEC
D0-201AD
Features
n LOWEST COST FOR GLASS SINTERED
CONSTRUCTION
n LOWEST V
F FOR GLASS SINTERED
CONSTRUCTION
n TYPICAL I
R < 100 nAmps
n 3.0 AMP OPERATION @ T
A = 55°C, WITH
NO THERMAL RUNAWAY
n SINTERED GLASS CAVITY-FREE
JUNCTION


Similar Part No. - GPZ30A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
GPZ10A FCI-GPZ10A Datasheet
154Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GPZ10B FCI-GPZ10B Datasheet
154Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GPZ10D FCI-GPZ10D Datasheet
154Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GPZ10G FCI-GPZ10G Datasheet
154Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GPZ10J FCI-GPZ10J Datasheet
154Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
More results

Similar Description - GPZ30A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
GFZ30A FCI-GFZ30A Datasheet
146Kb / 2P
   3.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
RGFZ30A FCI-RGFZ30A Datasheet
117Kb / 2P
   3.0 Amp Glass Passivated Sintered Fast Recovery Rectifiers Mechanical Dimensions
EGFZ30A FCI-EGFZ30A Datasheet
111Kb / 2P
   3.0 Amp Glass Passivated Sintered Fast Efficient Rectifiers Mechanical Dimensions
UGPZ30 FCI-UGPZ30 Datasheet
54Kb / 1P
   3.0 Amp Glass Passivated Sintered Ultra - Fast Rectifiers Mechanical Dimensions
EGPZ30A FCI-EGPZ30A Datasheet
100Kb / 2P
   3.0 Amp Glass Passivated Sintered Fast Efficient Rectifiers Mechanical Dimensions
RGPZ30A FCI-RGPZ30A Datasheet
136Kb / 2P
   3.0 Amp Glass Passivated Sintered Fast Switching Rectifiers Mechanical Dimensions
GPZ10A FCI-GPZ10A Datasheet
154Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GPZ20A FCI-GPZ20A Datasheet
161Kb / 2P
   2.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
DFZ005 FCI-DFZ005 Datasheet
122Kb / 2P
   1.0 Amp Glass Passivated Sintered Bridge Rectifiers Mechanical Dimensions
GFZ3A FCI-GFZ3A Datasheet
167Kb / 2P
   3.0 Amp Glass Passivated Sintered Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com