Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPZ10J Datasheet(PDF) 1 Page - First Components International

Part # GPZ10J
Description  1.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

GPZ10J Datasheet(HTML) 1 Page - First Components International

  GPZ10J Datasheet HTML 1Page - First Components International GPZ10J Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n LOWEST COST FOR GLASS SINTERED
CONSTRUCTION
n LOWEST V
F FOR GLASS SINTERED
CONSTRUCTION
n TYPICAL I
R < 100 nAmps
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
GPZ10A . . . 10Q Series
Average Forward Rectified Current...I
F(av)
Current 3/8" Lead Length @ T
A = 55°C
Non-Repetitive Peak Forward Surge Current...I
FSM
½ Sine Wave Superimposed on Rated Load
Forward Voltage @ 1.0A...V
F
Full Load Reverse Current...I
R(av)
Full Cycle Average @ T
A = 75°C
DC Reverse Current...I
R(max)
@ Rated DC Blocking Voltage
T
A =25°C
T
A = 150°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJA (Note 2)
Typical Reverse Recovery Time...t
RR (Note 3)
Operating & Storage Temperature Range...T
J, TSTRG
Preliminary Data Sheet
1.0 Amp Glass Passivated
Sintered Rectifiers
10A 10B 10D 10G 10J 10K 10M 10N 10Q
5 0
100 200 400 600 800 1000 1100 1200
3 5
7 0
140 280 420 560 700 770 840
5 0
100 200 400 600 800 1000 1100 1200
............................................. 1.0 ...............................................
............................................. 3 0 ...............................................
< ................................ 1.0
........................... > < . 1.1 . >
Volts
Volts
Volts
Units
Amps
Amps
Volts
µAmps
............................................. 3 0 ...............................................
............................................. 5.0 ...............................................
............................................. 200 ...............................................
............................................. 4 5 ...............................................
............................................. 2.0 ...............................................
......................................... -65 to 175 ..........................................
µAmps
µAmps
pF
°C/W
µS
°C
< ............................... 8.0 ........................... > < .... 7.0 .... >
n 1.0 AMP OPERATION @ T
A = 55°C, WITH
NO THERMAL RUNAWAY
n SINTERED GLASS CAVITY-FREE
JUNCTION
.205
.160
1.00 Min.
.031 typ.
.080
.107
JEDEC
D0-41


Similar Part No. - GPZ10J

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GPZ1275 PROTEC-GPZ1275 Datasheet
116Kb / 3P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ1275 PROTEC-GPZ1275 Datasheet
93Kb / 3P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ1275 PROTEC-GPZ1275 Datasheet
403Kb / 4P
   high energ y - extended pulse tvs
GPZ1275B60K PROTEC-GPZ1275B60K_15 Datasheet
305Kb / 4P
   GPZ1275B60K PACKAGE
GPZ1275 PROTEC-GPZ1275_11 Datasheet
403Kb / 4P
   high energ y - extended pulse tvs
More results

Similar Description - GPZ10J

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
DFZ005 FCI-DFZ005 Datasheet
122Kb / 2P
   1.0 Amp Glass Passivated Sintered Bridge Rectifiers Mechanical Dimensions
UGPZ10 FCI-UGPZ10 Datasheet
52Kb / 1P
   1.0 Amp Glass Passivated Sintered Ultra - Fast Rectifiers Mechanical Dimensions
EGPZ10A FCI-EGPZ10A Datasheet
91Kb / 2P
   1.0 Amp Glass Passivated Sintered Fast Efficient Rectifiers Mechanical Dimensions
RGLZ41A FCI-RGLZ41A Datasheet
165Kb / 2P
   1.0 Amp Glass Passivated Sintered Fast Switching Rectifiers Mechanical Dimensions
RGPZ10A FCI-RGPZ10A Datasheet
136Kb / 2P
   1.0 Amp Glass Passivated Sintered Fast Switching Rectifiers Mechanical Dimensions
EGFZ10 FCI-EGFZ10 Datasheet
114Kb / 2P
   1.0 Amp Glass Passivated Sintered Fast Efficient Rectifiers Mechanical Dimensions
RGFZ10 FCI-RGFZ10 Datasheet
143Kb / 2P
   1.0 Amp Glass Passivated Sintered Fast Switching Rectifiers Mechanical Dimensions
GPZ30A FCI-GPZ30A Datasheet
172Kb / 2P
   3.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GFZ30A FCI-GFZ30A Datasheet
146Kb / 2P
   3.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GPZ20A FCI-GPZ20A Datasheet
161Kb / 2P
   2.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com