Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPZ10N Datasheet(PDF) 2 Page - First Components International

Part # GPZ10N
Description  1.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

GPZ10N Datasheet(HTML) 2 Page - First Components International

  GPZ10N Datasheet HTML 1Page - First Components International GPZ10N Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Preliminary Data Sheet
1.0 Amp Glass Passivated
Sintered Rectifiers
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V.
2. Thermal Resistance from Junction to Ambient at 3/8" Lead Length, P.C. Board Mounted.
3. Reverse Recovery Condition I
F = 0.5A, IR = 1.0A, IRR = 0.25A.
Forward Current Derating Curve
T
A = Ambient Temperature (°
°°°°C)
Typical Reverse Characteristics
Non-Repetitive
Peak Forward Surge Current
Percent of Rated Peak Voltage
Typical Instantaneous Forward Characteristics
Volts
Typical Junction Capacitance
Reverse Voltage (Volts)
Number of Cycles @ 60 HZ
0.375″″″″″ (9.5mm) LEAD LENGTH
RESISTIVE OR
INDUCTIVELOAD
T
J = 75°
°°°°C
8.3mSSingleHalfSineWave
(JedecMethod)
T
J = 25°
°°°°C
f = 1.0 MHZ
V
SIG = 50mVp-p
T
J = 25°
°°°°C
Pulse Width = 300µµµµµS
1% Duty Cycle
T
J = 125°
°°°°C
T
J = 75°
°°°°C
T
J = 25°
°°°°C
A
T
G
d
D
Glass
Dd
G
T
A
68
43 2+0.5 11 15+1
Die Dimension (mils)


Similar Part No. - GPZ10N

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GPZ1275 PROTEC-GPZ1275 Datasheet
116Kb / 3P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ1275 PROTEC-GPZ1275 Datasheet
93Kb / 3P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ1275 PROTEC-GPZ1275 Datasheet
403Kb / 4P
   high energ y - extended pulse tvs
GPZ1275B60K PROTEC-GPZ1275B60K_15 Datasheet
305Kb / 4P
   GPZ1275B60K PACKAGE
GPZ1275 PROTEC-GPZ1275_11 Datasheet
403Kb / 4P
   high energ y - extended pulse tvs
More results

Similar Description - GPZ10N

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
DFZ005 FCI-DFZ005 Datasheet
122Kb / 2P
   1.0 Amp Glass Passivated Sintered Bridge Rectifiers Mechanical Dimensions
UGPZ10 FCI-UGPZ10 Datasheet
52Kb / 1P
   1.0 Amp Glass Passivated Sintered Ultra - Fast Rectifiers Mechanical Dimensions
EGPZ10A FCI-EGPZ10A Datasheet
91Kb / 2P
   1.0 Amp Glass Passivated Sintered Fast Efficient Rectifiers Mechanical Dimensions
RGLZ41A FCI-RGLZ41A Datasheet
165Kb / 2P
   1.0 Amp Glass Passivated Sintered Fast Switching Rectifiers Mechanical Dimensions
RGPZ10A FCI-RGPZ10A Datasheet
136Kb / 2P
   1.0 Amp Glass Passivated Sintered Fast Switching Rectifiers Mechanical Dimensions
EGFZ10 FCI-EGFZ10 Datasheet
114Kb / 2P
   1.0 Amp Glass Passivated Sintered Fast Efficient Rectifiers Mechanical Dimensions
RGFZ10 FCI-RGFZ10 Datasheet
143Kb / 2P
   1.0 Amp Glass Passivated Sintered Fast Switching Rectifiers Mechanical Dimensions
GPZ30A FCI-GPZ30A Datasheet
172Kb / 2P
   3.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GFZ30A FCI-GFZ30A Datasheet
146Kb / 2P
   3.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GPZ20A FCI-GPZ20A Datasheet
161Kb / 2P
   2.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com