Electronic Components Datasheet Search |
|
GPZ10N Datasheet(PDF) 1 Page - First Components International |
|
GPZ10N Datasheet(HTML) 1 Page - First Components International |
1 / 2 page Description Features n LOWEST COST FOR GLASS SINTERED CONSTRUCTION n LOWEST V F FOR GLASS SINTERED CONSTRUCTION n TYPICAL I R < 100 nAmps Mechanical Dimensions Electrical Characteristics @ 25oC. Maximum Ratings Peak Repetitive Reverse Voltage...V RRM RMS Reverse Voltage...V R(rms) DC Blocking Voltage...V DC GPZ10A . . . 10Q Series Average Forward Rectified Current...I F(av) Current 3/8" Lead Length @ T A = 55°C Non-Repetitive Peak Forward Surge Current...I FSM ½ Sine Wave Superimposed on Rated Load Forward Voltage @ 1.0A...V F Full Load Reverse Current...I R(av) Full Cycle Average @ T A = 75°C DC Reverse Current...I R(max) @ Rated DC Blocking Voltage T A =25°C T A = 150°C Typical Junction Capacitance...C J (Note 1) Typical Thermal Resistance...R θJA (Note 2) Typical Reverse Recovery Time...t RR (Note 3) Operating & Storage Temperature Range...T J, TSTRG Preliminary Data Sheet 1.0 Amp Glass Passivated Sintered Rectifiers 10A 10B 10D 10G 10J 10K 10M 10N 10Q 5 0 100 200 400 600 800 1000 1100 1200 3 5 7 0 140 280 420 560 700 770 840 5 0 100 200 400 600 800 1000 1100 1200 ............................................. 1.0 ............................................... ............................................. 3 0 ............................................... < ................................ 1.0 ........................... > < . 1.1 . > Volts Volts Volts Units Amps Amps Volts µAmps ............................................. 3 0 ............................................... ............................................. 5.0 ............................................... ............................................. 200 ............................................... ............................................. 4 5 ............................................... ............................................. 2.0 ............................................... ......................................... -65 to 175 .......................................... µAmps µAmps pF °C/W µS °C < ............................... 8.0 ........................... > < .... 7.0 .... > n 1.0 AMP OPERATION @ T A = 55°C, WITH NO THERMAL RUNAWAY n SINTERED GLASS CAVITY-FREE JUNCTION .205 .160 1.00 Min. .031 typ. .080 .107 JEDEC D0-41 |
Similar Part No. - GPZ10N |
|
Similar Description - GPZ10N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |