Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLL979A Datasheet(PDF) 1 Page - First Components International

Part # MLL979A
Description  2.4V to 110V MLL ZENER DIODES (1/2 Watt)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

MLL979A Datasheet(HTML) 1 Page - First Components International

  MLL979A Datasheet HTML 1Page - First Components International MLL979A Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n WIDEVOLTAGERANGES–
2.4TO110VOLTS
Mechanical Dimensions
n 5 & 10% VOLTAGE TOLERANCES AVAILABLE
n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25OC.
Maximum Ratings
DC Power Dissipation with T
A = 50°C...PD
Derate Above 50°C
Operating & Storage Temperature Range...T
J, TSTRG
SOT Z Series
Data Sheet
2.4V to 110V MLL
ZENER DIODES (1/2 Watt)
Units
mW
mW / °C
°C
............................................ 500 ..............................................
............................................ 3.3 ..............................................
......................................... -65 to 200 ..........................................
Page 10-50
ZENER VOLTAGE VS. CURRENT 4.7V TO 47V
Dimensions in inches
and (millimeters)
Steady State Power Derating
1V Bias
Lead Temperature (oC)
Temp. Coefficients vs. Voltage
Typical Junction Capacitance
Zener Voltage
Reverse Voltage (Volts)
0V Bias
50% CH Vz Bias


Similar Part No. - MLL979A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL979B MICROSEMI-MLL979B Datasheet
72Kb / 3P
   LEADLESS GLASS ZENER DIODE SURFACE MOUNT
More results

Similar Description - MLL979A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
2ZS110B FCI-2ZS110B Datasheet
81Kb / 2P
   2 Watt SURFACE MOUNT ZENER DIODES (110V to 350V)
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
SOTZ FCI-SOTZ Datasheet
88Kb / 2P
   2.4V to 20V SOT 23 ZENER DIODES (1/4 Watt)
Z10-110 FCI-Z10-110 Datasheet
257Kb / 3P
   1 Watt ZENER DIODES (110V to 390V) Excellent Clamping Capability
LL5221 FCI-LL5221 Datasheet
181Kb / 2P
   쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
1N5225A FCI-1N5225A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5224A FCI-1N5224A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com