Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF30C30 Datasheet(PDF) 2 Page - First Components International

Part # VF30C30
Description  30 Amp SUPERFAST POWER RECTIFIERS Mechanical Dimensions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

VF30C30 Datasheet(HTML) 2 Page - First Components International

  VF30C30 Datasheet HTML 1Page - First Components International VF30C30 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Preliminary Data Sheet
30 Amp SUPERFAST
POWER RECTIFIERS
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Forward Current Derating Curve
10
5
0
25
50
75 100
150
125
175
T
A = Ambient Temperature (°
°°°°C)
15
Reverse Voltage (Volts)
Typical Junction Capacitance
Non-Repetitive
Peak Forward Surge Current
Number of Cycles @ 60 HZ
Reverse Recovery
Characteristics
Typical Instantaneous
Forward Characteristics
Oscilliscope
Note 1
Pulse
Generator
Note 2
(-)
(+)
Notes:
1. Rise Time = 7 nS Max.
Impedance = 1 megohm, 22 pF
2. Rise Time = 10 nS Max.
Source Impedance = 50 Ohms
Time Base Set @ 50/100nS/cm
+.5A
0A
-.25A
-1.0A
1 cm
Typical Reverse Characteristics
t
RR
Volts
50Ω
(-)
(+)
25 VDC
Non-Inductive
1 Ω
Non-
Inductive
D.U.T 10Ω
Percent of Rated Peak Voltage
1000
500
200
100
50
10
1
1
10
100


Similar Part No. - VF30C30

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
VF30C30A THINKISEMI-VF30C30A Datasheet
512Kb / 3P
   30 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
VF30C30C THINKISEMI-VF30C30C Datasheet
519Kb / 3P
   30 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
VF30C30D THINKISEMI-VF30C30D Datasheet
507Kb / 3P
   30 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
VF30C30S THINKISEMI-VF30C30S Datasheet
511Kb / 3P
   30 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
More results

Similar Description - VF30C30

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
VF16C05 FCI-VF16C05 Datasheet
134Kb / 2P
   16 Amp SUPERFAST POWER RECTIFIERS Mechanical Dimensions
UFP30C05 FCI-UFP30C05 Datasheet
175Kb / 2P
   30 Amp GPP SUPERFAST POWER RECTIFIERS
SR030 FCI-SR030 Datasheet
88Kb / 1P
   0.5 Amp SCHOTTKY RECTIFIERS Mechanical Dimensions
UF16C05 FCI-UF16C05 Datasheet
143Kb / 2P
   16 Amp ULTRAFAST SWITCHMODE POWER PLASTIC RECTIFIERS Mechanical Dimensions
FCR0320S FCI-FCR0320S Datasheet
161Kb / 2P
   0.3 Amp Silicon Controlled Rectifiers Mechanical Dimensions
SMA120 FCI-SMA120 Datasheet
124Kb / 2P
   1.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
FRS10 FCI-FRS10 Datasheet
125Kb / 2P
   1.0 Amp FAST RECOVERY RECTIFIERS Mechanical Dimensions
SMB220 FCI-SMB220 Datasheet
114Kb / 2P
   2.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
SR590 FCI-SR590 Datasheet
95Kb / 1P
   5.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
GPZ30A FCI-GPZ30A Datasheet
172Kb / 2P
   3.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com