Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF16C60 Datasheet(PDF) 1 Page - First Components International

Part # VF16C60
Description  16 Amp SUPERFAST POWER RECTIFIERS Mechanical Dimensions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

VF16C60 Datasheet(HTML) 1 Page - First Components International

  VF16C60 Datasheet HTML 1Page - First Components International VF16C60 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
RMS Reverse Voltage...V
R(rms)
VF16C05 . . . 60 Series
Average Forward Rectified Current...I
F(av)
T
C = 150°C @ Rated VDC
Repetitive Peak Forward Surge Current...I
FM
@ Rated V
DC, Square Wave, 20 KHZ, TC = 150°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Load Cond., ½ Wave, Single Phase, 60HZ
Forward Voltage...V
F
@ I
F = 8 Amps, PW = 300µSTC = 150°C
T
C =25°C
DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
C =150°C
T
C =25°C
Reverse Recovery Time...t
RR
I
F = 1.0 Amp, di/dt = 50 Amps/µs
Operating & Storage Temperature Range...T
J, TSTRG
05
10
15
20
30
40
50
60
50
100
150
200
300
400
500
600
50
100
150
200
300
400
500
600
50
100
150
200
300
400
500
600
35
70
105
140
210
280
350
420
Preliminary Data Sheet
16 Amp SUPERFAST
POWER RECTIFIERS
Units
Volts
Volts
Volts
Volts
Amps
Amps
Amps
Amps
Volts
Volts
µAmps
µAmps
nS
°C
n SUPERFAST RECOVERY TIME
n MEETS UL SPECIFICATION 94V-0
n LOW FORWARD VOLTAGE
n HIGH SURGE CAPABILITY
............................................. -65 to 150 .......................................
............................................. 8.0 ...............................................
............................................. 16 ...............................................
............................................. 16 ...............................................
............................................. 125 ...............................................
JEDEC
TO 220
1
1
1
3
3
3
2
2
2
Double Suffix ‘‘D’’
Common Anode Suffix ‘‘A’’
Common Cathode Suffix ‘‘C’’
CASE
CASE
CASE
< ............................. 5 0 ................................ > < ...... 7 5 ... >
< ................... 250 .................. > < ................. 500 .............. >
< ................... 5.0 .................. > < .................. 1 0 .............. >
< ................... 1.0 .................... > < ... 1.1 .... > < ...... 1.3 ..... >
< ................... 1.4 .................... > < ... 1.4 .... > < ...... 1.6 ..... >


Similar Part No. - VF16C60

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
VF16C60A THINKISEMI-VF16C60A Datasheet
264Kb / 2P
   16.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
VF16C60C THINKISEMI-VF16C60C Datasheet
288Kb / 2P
   16.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
VF16C60D THINKISEMI-VF16C60D Datasheet
265Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
VF16C60S THINKISEMI-VF16C60S Datasheet
265Kb / 2P
   16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
More results

Similar Description - VF16C60

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
VF30C05 FCI-VF30C05 Datasheet
131Kb / 2P
   30 Amp SUPERFAST POWER RECTIFIERS Mechanical Dimensions
UF16C05 FCI-UF16C05 Datasheet
143Kb / 2P
   16 Amp ULTRAFAST SWITCHMODE POWER PLASTIC RECTIFIERS Mechanical Dimensions
SR030 FCI-SR030 Datasheet
88Kb / 1P
   0.5 Amp SCHOTTKY RECTIFIERS Mechanical Dimensions
FCR0320S FCI-FCR0320S Datasheet
161Kb / 2P
   0.3 Amp Silicon Controlled Rectifiers Mechanical Dimensions
SMA120 FCI-SMA120 Datasheet
124Kb / 2P
   1.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
FRS10 FCI-FRS10 Datasheet
125Kb / 2P
   1.0 Amp FAST RECOVERY RECTIFIERS Mechanical Dimensions
SMB220 FCI-SMB220 Datasheet
114Kb / 2P
   2.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
SR590 FCI-SR590 Datasheet
95Kb / 1P
   5.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
GPZ30A FCI-GPZ30A Datasheet
172Kb / 2P
   3.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
FR80 FCI-FR80 Datasheet
134Kb / 2P
   8.0 Amp FAST RECOVERY PLASTIC RECTIFIERS Mechanical Dimensions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com