Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEN5-483R3E21 Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # PEN5-483R3E21
Description  PEN5-XXXXE2:1 1.5 KV ISOLATED 4 - 6 W REGULATED SINGLE OUTPUT DIP24
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PEN5-483R3E21 Datasheet(HTML) 1 Page - PEAK electronics GmbH

  PEN5-483R3E21 Datasheet HTML 1Page - PEAK electronics GmbH PEN5-483R3E21 Datasheet HTML 2Page - PEAK electronics GmbH PEN5-483R3E21 Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
MD SERIES
PEN5-XXXXE2:1 1.5 KV ISOLATED 4 - 6 W REGULATED SINGLE OUTPUT DIP24
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
9-18, 18-36, 36-72 VDC Wide Input
Filter
Pi Network
Isolation Specifications
Rated voltage
1500 Vdc
Resistance
10
9 Ohm
Capacitance
390 pF typ.
Output Specifications
Voltage accuracy
+/- 1 % typ. +/-2% max.
Ripple and noise (at 20 MHz BW)
60 mV p-p max.
Short circuit protection
Continuous , restart automatic
Line voltage regulation
+/- 0,5 % max.
Load voltage regulation
+/- 0,5 % max.
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
74 % to 80 %
Switching frequency
260 KHz. Typ.
Environmental Specifications
Operating temperature (ambient)
-40°C to +85°C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions
31,75 x 20,32 x 10,16 mm
1,25 x 0,80 x 0,40 inches
Weight
19,0 g
Case material
Nickel Coated Copper
Examples of Partnumbers/Modelcode
PART
NO.
INPUT
VOLTAGE
(VDC)
Nominal
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
PEN5-123R3E2:1
9 - 18
15
446
3.3
1200
74
PEN5-1205E2:1
9 - 18
15
542
5
1000
77
PEN5-1212E2:1
9 - 18
20
625
12
500
80
PEN5-1215E2:1
9 - 18
20
625
15
400
80
PEN5-243R3E2:1
18 - 36
8
220
3.3
1200
75
PEN5-2405E2:1
18 - 36
8
261
5
1000
80
PEN5-2412E2:1
18 - 36
8
313
12
500
80
PEN5-2415E2:1
18 - 36
8
313
15
400
80
PEN5-483R3E2:1
36 - 72
5
110
3.3
1200
75
PEN5-4805E2:1
36 - 72
5
131
5
1000
80
PEN5-4812E2:1
36 - 72
5
157
12
500
80
PEN5-4815E2:1
36 - 72
5
157
15
400
80


Similar Part No. - PEN5-483R3E21

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PEN5-483R3E21LF PEAK-PEN5-483R3E21LF Datasheet
135Kb / 3P
   PEN-SERIES
More results

Similar Description - PEN5-483R3E21

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P18TG-123R3E21 PEAK-P18TG-123R3E21 Datasheet
204Kb / 2P
   P18TG-XXXXE2:1 1.5 KV ISOLATED 4 W REGULATED SINGLE OUTPUT DIP24
P14TG-1205E21 PEAK-P14TG-1205E21 Datasheet
214Kb / 2P
   P14TG-XXXXE2:1 1.5 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24
PEN5-1205Z21 PEAK-PEN5-1205Z21 Datasheet
193Kb / 2P
   PEN5-XXXXZ2:1 1.5 KV ISOLATED 5 - 6 W REGULATED DUAL OUTPUT DIP24
P18TG-123R3E21M PEAK-P18TG-123R3E21M Datasheet
198Kb / 2P
   P18TG-XXXXE2:1M 1.5 KV ISOLATED 4 W REGULATED SINGLE OUTPUT DIP24
PEN3-123R3E21 PEAK-PEN3-123R3E21 Datasheet
194Kb / 2P
   PEN3-XXXXE2:1 1.5 KV ISOLATED 2 - 3 W REGULATED SINGLE OUTPUT DIP24
P26TG-2405E41 PEAK-P26TG-2405E41 Datasheet
208Kb / 2P
   1.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
P26TG-2405E41M PEAK-P26TG-2405E41M Datasheet
220Kb / 2P
   1.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
P26TG-1205E21 PEAK-P26TG-1205E21 Datasheet
204Kb / 2P
   1.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
P26TG-1205E21M PEAK-P26TG-1205E21M Datasheet
198Kb / 2P
   1.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
P14TG-1205E21M PEAK-P14TG-1205E21M Datasheet
226Kb / 2P
   P14TG-XXXXE2:1M 1.5 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com