Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY26126SC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY26126SC
Description  Dual Output 125-MHz Clock Generator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY26126SC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY26126SC Datasheet HTML 1Page - Cypress Semiconductor CY26126SC Datasheet HTML 2Page - Cypress Semiconductor CY26126SC Datasheet HTML 3Page - Cypress Semiconductor CY26126SC Datasheet HTML 4Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CY26126
Advance Information
Document #: 38-07351 Rev. *A
Page 3 of 5
Note:
3.
Not 100% tested.
AC Electrical Characteristics (VDD = 3.3V)
[3]
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Output Duty Cycle
Duty Cycle is defined in Figure 1, 50% of VDD
45
50
55
%
t3
Rising Edge Slew Rate Output Clock Rise Time, 20% - 80% of VDD
0.8
1.4
V/ns
t4
Falling Edge Slew
Rate
Output Clock Fall Time, 80% - 20% of VDD
0.8
1.4
V/ns
t9
Clock Jitter
Peak to Peak period jitter
200
ps
t10
PLL Lock Time
3ms
Test Circuit
Ordering Information
Ordering Code
Package Name
Package Type
Operating Range
Operating Voltage
CY26126SC
S8
8-Pin SOIC
Commercial
3.3V
0.1
µF
VDD
0.1
µF
VDD
CLK out
CLOAD
GND
OUTPUTS
t1
t2
CLK
50%
Figure 1. Duty Cycle Definition; DC = t2/t1
t3
CLK
80%
20%
t4
Figure 2. Rise and Fall Time Definitions


Similar Part No. - CY26126SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26121 CYPRESS-CY26121 Datasheet
62Kb / 6P
   PacketClock Spread Spectrum Clock Generator
CY26121 CYPRESS-CY26121 Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
CY26121-11 CYPRESS-CY26121-11 Datasheet
62Kb / 6P
   PacketClock Spread Spectrum Clock Generator
CY26121-11 CYPRESS-CY26121-11 Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
CY26121-2 CYPRESS-CY26121-2 Datasheet
62Kb / 6P
   PacketClock Spread Spectrum Clock Generator
More results

Similar Description - CY26126SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP21ZXC CYPRESS-CY2XP21ZXC Datasheet
237Kb / 7P
   125 MHz LVPECL Clock Generator
CY2XP21 CYPRESS-CY2XP21 Datasheet
231Kb / 7P
   125 MHz LVPECL Clock Generator
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
   LVPECL Output-Dual Input Clock Generator
VCT2001A CTS-VCT2001A Datasheet
145Kb / 5P
   HCMOS Output-Dual Input Clock Generator
logo
ON Semiconductor
NB3N5573DTGEVB ONSEMI-NB3N5573DTGEVB Datasheet
86Kb / 8P
   3.3 V, Crystal to 25 MHz, 100 MHz, 125 MHz and 200 MHz Dual HCSL Clock Generator
March, 2017 ??Rev. 11
logo
Cypress Semiconductor
CY2XL11 CYPRESS-CY2XL11_11 Datasheet
287Kb / 9P
   100 MHz LVDS Clock Generator Output frequency: 100 MHz
logo
SiTime Corp.
SIT2021B SITIME-SIT2021B Datasheet
990Kb / 17P
   High Frequency, -55 to 125 One-Output Clock Generator
logo
Analog Devices
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
   6-Output Clock Generator with 6-Output Clock Generator with
REV. B
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
logo
PulseCore Semiconductor
PCS1P2858A PULSECORE-PCS1P2858A_1 Datasheet
347Kb / 7P
   Multi-Output Clock Generator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com