Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL5254B Datasheet(PDF) 1 Page - First Components International

Part # LL5254B
Description  쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LL5254B Datasheet(HTML) 1 Page - First Components International

  LL5254B Datasheet HTML 1Page - First Components International LL5254B Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n 5 & 10% VOLTAGE
TOLERANCES AVAILABLE
Mechanical Dimensions
n WIDE VOLTAGE RANGE
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
LL5221 . . . LL5265
Data Sheet
½Watt
ZENER DIODES (2.4V to 62V)
Units
DC Power Dissipation with T
L = > = 75
...P
D
Lead Length = .375 Inches
Derate Above 50
Operating & Storage Temperature Range...T
J, TSTRG
°C
°C
............................................. 500 ...............................................
............................................. 4 ...............................................
mW
mW /°C
°C
......................................... -65 to 100 ..........................................
Steady State Power Derating
Lead Temperature (°°°°°C)
Temperature Coefficients vs. Voltage
Zener Voltage (V)
Typical Junction Capacitance
Zener Voltage (V)
50% Vz Bias
0 V Bias
1 V Bias
Zener Current vs. Zener Voltage
Zener Voltage (V)
Page 10-46
DO-213AA
(Mini-MELF)


Similar Part No. - LL5254B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LL5254B ETC1-LL5254B Datasheet
416Kb / 5P
   Zener diode
logo
Yangzhou yangjie electr...
LL5254B YANGJIE-LL5254B Datasheet
737Kb / 2P
   Zener diode
logo
RFE international
LL5254B RFE-LL5254B Datasheet
70Kb / 1P
   SURFACE MOUNT Zener Diodes
logo
Zibo Seno Electronic En...
LL5254B ZSELEC-LL5254B Datasheet
1Mb / 4P
   500mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - LL5254B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
LL4728 FCI-LL4728 Datasheet
182Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V) Mechanical Dimensions
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
MLL700 FCI-MLL700 Datasheet
102Kb / 2P
   2.4V to 110V MLL ZENER DIODES (1/2 Watt)
1N5225A FCI-1N5225A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5224A FCI-1N5224A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5223A FCI-1N5223A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5221A FCI-1N5221A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com