Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4F661612E Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4F661612E
Description  4M x 16bit CMOS Dynamic RAM with Fast Page Mode
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F661612E Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4F661612E Datasheet HTML 5Page - Samsung semiconductor K4F661612E Datasheet HTML 6Page - Samsung semiconductor K4F661612E Datasheet HTML 7Page - Samsung semiconductor K4F661612E Datasheet HTML 8Page - Samsung semiconductor K4F661612E Datasheet HTML 9Page - Samsung semiconductor K4F661612E Datasheet HTML 10Page - Samsung semiconductor K4F661612E Datasheet HTML 11Page - Samsung semiconductor K4F661612E Datasheet HTML 12Page - Samsung semiconductor K4F661612E Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
CMOS DRAM
K4F661612E, K4F641612E
Industrial Temperature
tASC , tCAH are referenced to the earlier CAS falling edge.
tCP is specified from the last CAS rising edge in the previous cycle to the first CAS falling edge in the next cycle.
tCWD is referenced to the later CAS falling edge at word read-modify-write cycle.
tCWL is specified from W falling edge to the earlier CAS rising edge.
tCSR is referenced to earlier CAS falling before RAS transition low.
tCHR is referenced to the later CAS rising high after RAS transition low.
tDS is specified for the earlier CAS falling edge and tDH is specified by the later CAS falling edge.
If
tRASS
≥100us, then RAS precharge time must use tRPS instead of tRP.
For RAS -only-Refresh and Burst CAS -before-RAS refresh mode, 4096 cycles(4K/8K) of burst refresh must be executed within
64ms before and after self refresh, in order to meet refresh specification.
For distributed CAS-before-RAS with 15.6us interval, CBR refresh should be executed with in 15.6us immediately before and
after self refresh in order to meet refresh specification.
tCSR
tCHR
RAS
LCAS
UCAS
tDS
tDH
LCAS
UCAS
DQ0 ~ DQ15
Din
21.
20.
19.
15.
14.
13.
18.
17.
16.
22.


Similar Part No. - K4F661612E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B-L SAMSUNG-K4F661612B-L Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B-TC SAMSUNG-K4F661612B-TC Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C-L SAMSUNG-K4F661612C-L Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - K4F661612E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com