Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9K2G08X0A-J Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K9K2G08X0A-J
Description  FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K2G08X0A-J Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K9K2G08X0A-J Datasheet HTML 5Page - Samsung semiconductor K9K2G08X0A-J Datasheet HTML 6Page - Samsung semiconductor K9K2G08X0A-J Datasheet HTML 7Page - Samsung semiconductor K9K2G08X0A-J Datasheet HTML 8Page - Samsung semiconductor K9K2G08X0A-J Datasheet HTML 9Page - Samsung semiconductor K9K2G08X0A-J Datasheet HTML 10Page - Samsung semiconductor K9K2G08X0A-J Datasheet HTML 11Page - Samsung semiconductor K9K2G08X0A-J Datasheet HTML 12Page - Samsung semiconductor K9K2G08X0A-J Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
FLASH MEMORY
9
K9K2G08R0A
K9K2G08U0A
Product Introduction
The K9K2G08X0A is a 2112Mbit(2,214,592,512 bit) memory organized as 131,072 rows(pages) by 2112x8 columns. Spare 64 col-
umns are located from column address of 2048~2111. A 2112-byte data register is connected to memory cell arrays for accommodat-
ing data transfer between the I/O buffers and memory cells during page read and page program operations. The memory array is
made up of 32 cells that are serially connected to form a NAND structure. Each of the 32 cells resides in a different page. A block
consists of two NAND structures. A NAND structure consists of 32 cells. Total 135,168 NAND cells reside in a block. The program and
read operations are executed on a page basis, while the erase operation is executed on a block basis. The memory array consists of
2048 separately erasable 128K-byte blocks. It indicates that the bit by bit erase operation is prohibited on the K9K2G08X0A.
The K9K2G08X0A has addresses multiplexed into 8 I/Os. This scheme dramatically reduces pin counts and allows system upgrades
to future densities by maintaining consistency in system board design. Command, address and data are all written through I/O's by
bringing WE to low while CE is low. Those are latched on the rising edge of WE. Command Latch Enable(CLE) and Address Latch
Enable(ALE) are used to multiplex command and address respectively, via the I/O pins. Some commands require one bus cycle. For
example, Reset Command, Status Read Command and etc require just one cycle bus. Some other commands, like Page Read, Block
Erase and Page Program, require two cycles: one cycle for setup and the other cycle for execution. The 264M byte physical space
requires 29 addresses, thereby requiring five cycles for addressing: 2 cycles of column address, 3 cycles of row address, in that order.
Page Read and Page Program need the same five address cycles following the required command input. In Block Erase operation,
however, only the three row address cycles are used. Device operations are selected by writing specific commands into the command
register. Table 1 defines the specific commands of the K9K2G08X0A.
Table 1. Command Sets
NOTE : 1. Random Data Input/Output can be executed in a page.
2. Cache program and Copy-Back program are supported only with 3.3V device.
Caution : Any undefined command inputs are prohibited except for above command set of Table 1.
Function
1st. Cycle
2nd. Cycle
Acceptable Command during Busy
Read
00h
30h
Read for Copy Back
00h
35h
Read ID
90h
-
Reset
FFh
-
O
Page Program
80h
10h
Cache Program
80h
15h
Copy-Back Program
85h
10h
Block Erase
60h
D0h
Random Data Input*1
85h
-
Random Data Output*1
05h
E0h
Read Status
70h
O


Similar Part No. - K9K2G08X0A-J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K2G08Q0M SAMSUNG-K9K2G08Q0M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08Q0M-P SAMSUNG-K9K2G08Q0M-P Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08Q0M-PCB0 SAMSUNG-K9K2G08Q0M-PCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08Q0M-PIB0 SAMSUNG-K9K2G08Q0M-PIB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08Q0M-Y SAMSUNG-K9K2G08Q0M-Y Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
More results

Similar Description - K9K2G08X0A-J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com