Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVK-5430-002 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EVK-5430-002
Description  Monochrome Analog Output CMOS Image Sensors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVK-5430-002 Datasheet(HTML) 4 Page - STMicroelectronics

  EVK-5430-002 Datasheet HTML 1Page - STMicroelectronics EVK-5430-002 Datasheet HTML 2Page - STMicroelectronics EVK-5430-002 Datasheet HTML 3Page - STMicroelectronics EVK-5430-002 Datasheet HTML 4Page - STMicroelectronics EVK-5430-002 Datasheet HTML 5Page - STMicroelectronics EVK-5430-002 Datasheet HTML 6Page - STMicroelectronics EVK-5430-002 Datasheet HTML 7Page - STMicroelectronics EVK-5430-002 Datasheet HTML 8Page - STMicroelectronics EVK-5430-002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Specifications
VV5430
CD5430F-A
4/33
2.
Specifications
2.1
Device Specifications
Figure 1 : Spectral Response
The sensor is tested using the example support circuit illustrated later in this document. Standard imaging conditions used for
optical tests employ a tungsten halogen lamp to uniformly illuminate the sensor (to better than 0.5%), or to illuminate specific
areas. A neutral density filter is used to control the level of illumination where required.
Table 2 : Absolute Maximum Ratings
Note: Stresses exceeding the Absolute Maximum Ratings may induce failure. Exposure to absolute maximum ratings
for extended periods may reduce reliability. Functionality at or above these conditions is not implied.
Table 3 : DC Operating Conditions
Parameter
Value
Supply Voltage
-0.5 to +7.0 volts
Voltage on other input pins
-0.5 to VDD + 0.5 volts
Ambient Operating Temperature
(contact STMicroelectronics for extended temp. ranges)
0oC to 40oC
Storage Temperature
-30oC to 125oC
Maximum DC TTL output Current Magnitude
10mA (per o/p, one at a time, 1sec. duration)
Symbol
Parameter
Min.
Typ.
Max.
Units
Notes
VDD
Operating supply voltage
4.75
5.0
5.25
Volts
VIH
Input Voltage Logic “1”
2.4
VDD+0.5
Volts
VIL
Input Voltage Logic “0”
-0.5
0.8
Volts
TA
Ambient Operating Temperature
0
40
oC
Still air
Illumination Colour Temp.
3200o K
Clock Frequency
Std. CCIR
Exposure
Maximum
Gain
x1
Auto. Gain Control (AGC)
Off
Correction mode
Linear
1.0
0.8
0.6
0.4
0.2
0
Wavelength nm


Similar Part No. - EVK-5430-002

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
EVK-1009EB YIC-EVK-1009EB Datasheet
924Kb / 5P
   Evaluation Kit for YIC51009EB Series
EVK-1612EB YIC-EVK-1612EB Datasheet
921Kb / 5P
   Evaluation Kit for YIC51612EB Series
logo
Active-Semi, Inc
EVK-ACT413US-T ACTIVE-SEMI-EVK-ACT413US-T Datasheet
160Kb / 3P
   ActivePSRTM Quasi-Resonant PWM Controller
10-Mar-14
EVK-ACT512US-T ACTIVE-SEMI-EVK-ACT512US-T Datasheet
178Kb / 4P
   ActiveQRTM Quasi-Resonant PWM Controller
18-Feb-14
EVK-ACT8945AQJ303-T ACTIVE-SEMI-EVK-ACT8945AQJ303-T Datasheet
779Kb / 42P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
More results

Similar Description - EVK-5430-002

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
   CMOS Monochrome Image Sensors
ADCS-1120 HP-ADCS-1120 Datasheet
106Kb / 3P
   Agilent CMOS Monochrome Image Sensors ADCS-1120 and ADCS-2120
logo
National Semiconductor ...
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
   Monochrome CMOS Image Sensor VGA 30 FPS
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
   Monochrome CMOS Image Sensor VGA 30 FPS
LM9638 NSC-LM9638 Datasheet
200Kb / 2P
   Monochrome CMOS Image Sensor SXGA 18 FPS
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
   CMOS Image Sensors
logo
National Semiconductor ...
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
   LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
logo
List of Unclassifed Man...
OV5116N ETC-OV5116N Datasheet
200Kb / 5P
   OV5116N SINGLE IC CMOS MONOCHROME CAMERA WITH NTSC ANALOG OUTPUT
logo
Rohm
IA2008-MB20A ROHM-IA2008-MB20A Datasheet
41Kb / 4P
   MONOCHROME IMAGE SENSOR HEAD
logo
Hamamatsu Corporation
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
   CMOS area image sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com