Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV4046ADGVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4046ADGVR
Description  HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4046ADGVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV4046ADGVR Datasheet HTML 1Page - Texas Instruments SN74LV4046ADGVR Datasheet HTML 2Page - Texas Instruments SN74LV4046ADGVR Datasheet HTML 3Page - Texas Instruments SN74LV4046ADGVR Datasheet HTML 4Page - Texas Instruments SN74LV4046ADGVR Datasheet HTML 5Page - Texas Instruments SN74LV4046ADGVR Datasheet HTML 6Page - Texas Instruments SN74LV4046ADGVR Datasheet HTML 7Page - Texas Instruments SN74LV4046ADGVR Datasheet HTML 8Page - Texas Instruments SN74LV4046ADGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PCPOUT
PC1OUT
COMPIN
VCOOUT
INH
C1A
C1B
GND
VCC
PC3OUT
SIGIN
PC2OUT
R2
R1
DEMOUT
VCOIN
D, DGV, NS, OR PW PACKAGE
(TOP VIEW)
DESCRIPTION
SN74LV4046A
HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP
WITH VCO
SCES656A – FEBRUARY 2006 – REVISED FEBRUARY 2006
Choice of Three Phase Comparators
– Exclusive OR
– Edge-Triggered J-K Flip-Flop
– Edge-Triggered RS Flip-Flop
Excellent VCO Frequency Linearity
VCO-Inhibit Control for ON/OFF Keying and
for Low Standby Power Consumption
Optimized Power-Supply Voltage Range From
3 V to 5.5 V
Wide Operating Temperature Range . . . –40
°C
to 125
°C
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
The SN74LV4046A is a high-speed silicon-gate CMOS device that is pin compatible with the CD4046B and the
CD74HC4046. The device is specified in compliance with JEDEC Std 7.
The SN74LV4046A is a phase-locked-loop circuit that contains a linear voltage-controlled oscillator (VCO) and
three different phase comparators (PC1, PC2, and PC3). A signal input and a comparator input are common to
each comparator.
The signal input can be directly coupled to large voltage signals, or indirectly coupled (with a series capacitor) to
small voltage signals. A self-bias input circuit keeps small voltage signals within the linear region of the input
amplifiers. With a passive low-pass filter, the SN74LV4046A forms a second-order loop PLL. The excellent VCO
linearity is achieved by the use of linear operational amplifier techniques.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SN74LV4040ANS
SOP – NS
74LV4046A
SN74LV4040ANSR
SN74LV4040AD
SOIC – D
LV4046A
–40
°C to 125°C
SN74LV4040ADR
SN74LV4040APW
TSSOP – PW
LW046A
SN74LV4040APWR
TVSOP – DGV
SN74LV4040ADGVR
LW046A
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LV4046ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4046ADGVR TI-SN74LV4046ADGVR Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046ADGVR TI-SN74LV4046ADGVR Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046ADGVR TI1-SN74LV4046ADGVR Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
SN74LV4046ADGVRG4 TI-SN74LV4046ADGVRG4 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
More results

Similar Description - SN74LV4046ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI1-SN74LV4046A_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com