Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24163S2.7 Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # S24163S2.7
Description  Precision RESET Controller with 16K I2C Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S24163S2.7 Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  S24163S2.7 Datasheet HTML 1Page - Summit Microelectronics, Inc. S24163S2.7 Datasheet HTML 2Page - Summit Microelectronics, Inc. S24163S2.7 Datasheet HTML 3Page - Summit Microelectronics, Inc. S24163S2.7 Datasheet HTML 4Page - Summit Microelectronics, Inc. S24163S2.7 Datasheet HTML 5Page - Summit Microelectronics, Inc. S24163S2.7 Datasheet HTML 6Page - Summit Microelectronics, Inc. S24163S2.7 Datasheet HTML 7Page - Summit Microelectronics, Inc. S24163S2.7 Datasheet HTML 8Page - Summit Microelectronics, Inc. S24163S2.7 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
S24163
2014 2.1 8/2/00
ENDURANCE AND DATA RETENTION
The S24163 is designed for applications requiring up to
100,000 erase/write cycles and unlimited read cycles. It
provides 100 years of secure data retention, with or without
power applied, after the execution of 100,000 erase/write
cycles.
APPLICATIONS
The S24163 is ideal for applications requiring low voltage
and low power consumption. This device provides
microcontroller RESET control and can be manually
resettable. This device also uses a cost effective, space-
saving, 8-pin SOIC or PDIP plastic package. Typical
applications include alarm devices, electronic locks,
meters, keys, pagers and cellular phones.
RESET CONTROLLER DESCRIPTION
The device provides a precise reset output to a
microcontroller and it’s associated circuitry ensuring cor-
rect system operation during power-up/down conditions
and brownout situations. The output is open drain, allow-
ing control of the reset function by multiple devices.
During power-up the reset output remains in a fixed active
state until VCC passes through the reset threshold and
remains above the threshold for 200ms. The reset output
is valid whenever VCC
≥ 1V. If VCC falls below the
threshold for more than tGLITCH the device will immediately
generate a reset and drive the output.
The reset pin is an I/O; therefore, forcing the pin to the
active state can also manually reset the device. Because
the I/O needs to be an open drain, the internal timer can
only be triggered by the leading edge of the input. The
resulting reset output will either be tPURST, or the exter-
nally applied reset signal, whichever is longer. This can
provide an affective debounce or reset signal extender
solution.
CHARACTERISTICS OF THE I2C BUS
General Description
The I2C bus was designed for two-way, two-line serial
communication between different integrated circuits. The
two lines are a serial data line (SDA), and a serial clock line
(SCL). The SDA line must be connected to a positive
supply by a pull-up resistor, located somewhere on the
bus (See Figure 1). Data transfer between devices may
be initiated with a START condition only when SCL and
SDA are HIGH (bus is not busy).
PIN DESCRIPTIONS
SCL — Serial Clock: The SCL input is used to clock data
into and out of the device. In the WRITE mode data must
remain stable while SCL is HIGH. In the READ mode data
is clocked out on the falling edge of SCL.
SDA — Serial Data: The SDA pin is a bidirectional pin
used to transfer data into and out of the device. Data may
change only when SCL is LOW, except START and STOP
conditions. It is an open-drain output and may be wire-
ORed with any number of open-drain or open-collector
outputs.
RESET# — Reset: This is an active low open drain output.
It is driven low whenever VCC is below VTRIP. It is also an
input and can be used to debounce a switch input or
perform signal conditioning. The pin has an internal pull-up
and should be left unconnected if the signal is not used in
the system. However, an external pull-up resistor must be
connected when the pin is tied to a system RESET# line.
VCC — Power: VCC is the voltage input, typically 2.7 to 5.5
volts.
GND — Ground: Power return.
NC — No Connect: The no connect inputs are not used.
However, to ensure proper operation, they can be uncon-
nected or tied to ground. They must not be tied to VCC.
PIN CONFIGURATION
NC
RESET#
NC
VSS
VCC
NC
SCL
SDA
1
2
3
4
8
7
6
5
SMS24163
8-Pin PDIP
or 8-Pin SOIC
2014 T PCon 2.0


Similar Part No. - S24163S2.7

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
S24110 SYSTEMSENSOR-S24110 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
S2415 SYSTEMSENSOR-S2415 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
S241575 SYSTEMSENSOR-S241575 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
More results

Similar Description - S24163S2.7

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
S24042 SUMMIT-S24042 Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
logo
List of Unclassifed Man...
SMS2916 ETC1-SMS2916 Datasheet
101Kb / 16P
   Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com