Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24022SBT Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # S24022SBT
Description  Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S24022SBT Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  S24022SBT Datasheet HTML 1Page - Summit Microelectronics, Inc. S24022SBT Datasheet HTML 2Page - Summit Microelectronics, Inc. S24022SBT Datasheet HTML 3Page - Summit Microelectronics, Inc. S24022SBT Datasheet HTML 4Page - Summit Microelectronics, Inc. S24022SBT Datasheet HTML 5Page - Summit Microelectronics, Inc. S24022SBT Datasheet HTML 6Page - Summit Microelectronics, Inc. S24022SBT Datasheet HTML 7Page - Summit Microelectronics, Inc. S24022SBT Datasheet HTML 8Page - Summit Microelectronics, Inc. S24022SBT Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
S24042/S24043
2011 2.1 8/2/00
SUMMIT MICROELECTRONICS, Inc.
RESET #- RESET# is an active low open drain output.
It is driven low whenever VCC is below VTRIP. It is also
an input and can be used to debounce a switch input or
perform signal conditioning. The pin has an internal pull-
up and should be left unconnected if the signal is not used
in the system. However, when the pin is tied to a system
RESET# line an external pull-up resistor should be
employed.
RESET - RESET is an active high open drain output. It is
driven high whenever VCC is below VTRIP. RESET is also
an input and can be used to debounce a switch input or
perform signal conditioning. The RESET pin does have
an internal pull-down and should be left unconnected if
the signal is not used in the system. However, when the
pin is tied to a system reset line an external pull-down
resistor should be employed.
ENDURANCE AND DATA RETENTION
The S24042/43 is designed for applications requiring
100,000 erase/write cycles and unlimited read cycles. It
provides 100 years of secure data retention, with or
without power applied, after the execution of 100,000
erase/write cycles.
APPLICATIONS
Reset Controller Description
The S24042/43 provides a precision RESET controller
that ensures correct system operation during brown-out
and power-up/-down conditions. It is configured with two
open drain RESET outputs; pin 7 is an active high output
and pin 2 is an active low output.
During power-up, the RESET outputs remain active until
VCC reaches the VTRIP threshold and will continue driving
the outputs for approximately 200ms after reaching
VTRIP. The RESET outputs will be valid so long as VCC is
> 1.0V. During power-down, the RESET outputs will
begin driving active when VCC falls below VTRIP.
The RESET pins are I/Os; therefore, the S24042/43 can
act as a signal conditioning circuit for an externally
applied reset. The inputs are edge triggered; that is, the
RESET input will initiate a reset timeout after detecting a
low to high transition and the RESET# input will initiate a
reset timeout after detecting a high to low transition. Refer
to the applications Information section for more details on
device operation as a reset conditioning circuit.
PIN DESCRIPTIONS
Serial Clock (SCL) - The SCL input is used to clock data
into and out of the device. In the WRITE mode, data must
remain stable while SCL is HIGH. In the READ mode, data
is clocked out on the falling edge of SCL.
Serial Data (SDA) - The SDA pin is a bidirectional pin
used to transfer data into and out of the device. Data may
change only when SCL is LOW, except START and STOP
conditions. It is an open-drain output and may be wire-
ORed with any number of open-drain or open-collector
outputs.
No Connects (NC) the no connect pins may be left
floating or tied to ground. They cannot be tied high.
PIN NAMES
SDA
Serial Data I/O
SCL
Serial Clock Input
RESET & RESET#
Reset Output
VSS
Ground
VCC
Supply Voltage
NC
No Connect
PIN CONFIGURATIONS
8
7
6
5
1
2
3
4
NC
RESET#
NC
VSS
VCC
NC
SCL
SDA
NC
RESET#
NC
VSS
VCC
RESET
SCL
SDA
8
7
6
5
1
2
3
4
S24043
S24042
2011 PCon 2.0


Similar Part No. - S24022SBT

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
More results

Similar Description - S24022SBT

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
S24163 SUMMIT-S24163 Datasheet
166Kb / 12P
   Precision RESET Controller with 16K I2C Memory
logo
Maxim Integrated Produc...
MAX6456UT16S-T MAXIM-MAX6456UT16S-T Datasheet
255Kb / 11P
   Supervisors with Separate VCC Reset and Manual Reset Outputs
Rev 3; 6/10
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
Maxim Integrated Produc...
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
MAX6453 MAXIM-MAX6453 Datasheet
189Kb / 10P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 1; 4/03
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com