Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB118 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMB118
Description  Seven-Channel Programmable DC-DC Power Manager with Battery Charger
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB118 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMB118 Datasheet HTML 1Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 1 page
background image
SMB118/218
Summit Microelectronics, Inc
2107 3.0 10/15/2008
4
SMB218
48-pad QFN
Top view
1
SMB218
7mm x 7mm QFN-48
(Thermal Pad = GND)
2
3
20
4
17
19
18
5
6
7
38
21
37
36
39
41
42
40
8
9
10
11
12
13
14
34
35
33
27
24
26
25
22
23
28
15
16
31
32
29
30
45
44
43
46
47
48
COMPB3
PCHSEQ3
FB5
COMP5
VBATT
CSL1
FB1
CSH1
PCHSEQ1
COMP1
DRVL3
VIN3
DRVH3
COMPA3
VDDP
nALERT
PWRFAIL
DRVL1
PWR_EN
BFETDRV
BSENSE
TSENSE
HEALTHY
VDDCAP
SMB218 PACKAGE AND PIN DESCRIPTION
PLEASE NOTE: The SMB118 has entered End-of-Life.


Similar Part No. - SMB118

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB11 LITEON-SMB11 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB11 MIC-SMB11 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB11 LUGUANG-SMB11 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB110 LITEON-SMB110 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB110 MIC-SMB110 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMB118

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB122 SUMMIT-SMB122 Datasheet
143Kb / 1P
   Nine-Channel Programmable DC-DC Power Manager with Battery Charger
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
   Seven-Channel Programmable DC-DC Power Manager
logo
Linear Technology
LTC3455 LINER-LTC3455 Datasheet
516Kb / 24P
   Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
LTC3455-1 LINER-LTC3455-1_15 Datasheet
343Kb / 28P
   Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
LTC3455 LINER-LTC3455_15 Datasheet
343Kb / 28P
   Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
logo
Summit Microelectronics...
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
   Five Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
   Nine-Channel DC/DC Digitally Programmable System Power Manager
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com